Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
Data :
Supervisor
signature
Section head
signature
Mask ROM number
Company
name
Date :
TEL
()
Note : Please fill in all items marked g,
.
g
g
g Remarks
q Return the Character Font Preparation Program after use.
q Three EPROMs are required. Specify the type of EPROMs submitted. (All the three EPROMs must be same types.
Check @ in the appropriate box.)
27256
27512
(1) The font data prepared by the Character Font Preparation Program is saved as a binary type object file
(addresses 0000h to 7FFFh). Three sets of these EPROMs are required.
(2) Attach the erase protect seals on three EPROMs. Each seal bears the type name (M35045), and ROM No.
(–...SP/FP).
q Write the checksum code (hexadecimal notation) for entire EPROM areas.
Checksum
q Select the marking type (Check @ in the appropriate box).
Special mark
....... Fill in the Mark Specification Form (20P4B for M35045-XXXSP, 20P2Q-A for
M35045-XXXFP) and attach to the Mask ROM Order Confirmation Form.
Standard Mark
....... No writing is required.
q The package type
....... SDIP type (M35045-XXXSP)
....... SSOP type (M35045-XXXFP)
gq Comments
Customer
Data
issued
Program version name
M045R
V
GZZ-SH00-36B<65AØ>
MASK ROM ORDER CONFIRMATION FORM
SCREEN DISPLAY IC M35045-XXXSP/FP
MITSUBISHI ELECTRIC
Supervisor
Responsible
officer
(1/6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com