Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Blanking of BLK0, BLK1
All raster blanking
Synchronize with the leading edge of horizontal synchronization.
Synchronize with the trailing edge of horizontal synchronization.
Do not mask by VERT input signal
Mask by VERT input signal
VERT pin polarity is negative electrode
VERT pin polarity is positive electrode
HOR pin polarity is negative electrode
HOR pin polarity is positive electrode
Border display of character
Shadow display of character
RAM not erased
RAM erased
Oscillation of clock for display
Stop the oscillation of clock for display
Display OFF
Display ON
Divided into 64 of vertical synchronous signal
Divided into 32 of vertical synchronous signal
Sets all raster blanking
Synchronize with the front porch or
back porch of the horizontal
synchronazation signal.
This register has or do not have mask
at phase comparison operating.
Set VERT pin polarity.
Set HOR pin polarity.
Set blanking mode. (Note 1)
An example of blanking mode at
BCOL = “0”, DSPn = “0” (n = 0 ~ 11)
shown left.
(Note 2)
There is no need to reset because
there is no register for this bit.
R, G, B and BLNK0 output can be
altered.
Display can be altered.
Blinking duty ratio can be altered.
Blinking frequency can be altered.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(9) Address 12816
0
1
2
3
4
5
6
7
8
9
A
B
C
D
BCOL
__
B/F
VMASK
POLV
POLH
BLK0
BLK1
SYAD
RAMERS
STOP
DSPON
BLINK0
BLINK1
BLINK2
Register
DA
Status
Contents
Function
Remarks
BLINK
1
0
0
1
1
0
0
1
0
1
Duty
Blinking OFF
25%
50%
75%
1
0
0
1
1
0
0
1
0
1
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
Notes 1: Refer to DISPLAY FORM 1
2: Refer to DISPLAY FORM 3
BLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com