Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 23 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Note for Supplying Power
__
Timing of power supplying to AC pin
The internal circuit of M35045-XXXSP/FP is reset when the level of
__
the auto clear input pin AC is “L”. This pin in hysteresis input with the
__
pull-up resistor. The timing about power supplying of AC pin is shown
in Figure 10.
Timing of power supplying to VDD1 and VDD2.
Supply power to VDD1 and VDD2 at the same time.
Fig. 10 Timing of power supplying to AC pin
DATA REQUIRED FOR MASK ROM ORDERING
Please send the following data for mask orders.
(1) M35045-XXXSP/FP mask ROM order confirmation form
(2) 20P4B mask specification form
(3) ROM data (EPROM 3 sets)
(4) Floppy disks containing the character font generating program
+ character data
Supply voltage
VAC
(AC pin input voltage)
0.8
× VDD
0.2
× VDD
tW
tS
VDD
Time t[s]
more than 1ms
Voltage
[V]
After supplying the power (VDD and VSS) to M35045-XXXSP/FP and
the supply voltage becomes more than 0.8
× VDD, it needs to keep
__
VIL time; tw of the AC pin for more than 1ms.
__
Start inputting from microcomputer after AC pin supply voltage
becomes more than 0.8 ! VDD and keeping 200ms wait time.
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈0.1µF) directly between the VDD1 pin and VSS pin, and the VDD2 pin
and VSS pin using a heavy wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com