Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
14
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
DISPLAY FORM1
Table 1 shows display form of blanking.
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Table 1. Display mode
DSPn = 1
1
(Note 1)
All blanking size
DSPn = “0” line
Matrix-outline size
DSPn = “1” line
DSPn = “0” line
→Character size
DSPn = “1” line
→Border size
DSPn = “0” line
→Border size
DSPn = “1” line
→Matrix-outline size
DSPn = “0” line
→Matrix-outline size
DSPn = “1” line
→Character size
Matrix-outline display
color set: display RAM
(Note 3)
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
Character
Matrix-outline display
color set: display RAM
(Note 3)
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
Character
BCOL
Standard blanking
When the all of registers
DSPn (Note 2) are set to “0”
Matrix-outline and border display.
color set: FR, FG, FB
or display RAM (Note 4)
Character
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
Matrix-outline and border display.
color set: FR, FG, FB
or display RAM (Note 4)
Character
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
Matrix-outline and border display.
color set: FR, FG, FB
or display RAM (Note 4)
Character
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
Matrix-outline and border display.
color set: FR, FG, FB
or display RAM (Note 4)
Character
Border display
color set: display RAM
(Note 3)
Matrix-outline display
color set: display RAM
(Note 3)
When some of registers DSPi are set to “1”
DSPn = 0
BLNK0 output
BLK0
BLK1
0
Notes 1: Color setting of raster area is set by register RR, RG and RB.
2: DSPn (n = 0 ~ 11)
3: Set by BR, BG and BB of display RAM.
4: Set border by register FR, FG and FB. Set matrix-outline by BR, BG and BB of display RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com