Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
(3) Address 12216
Horizontal display start location is
specified using the 10 bits from HP9
to HP0.
Note: HP9 to 0 = (00000000002) and
(00000101112) setting is forbidden
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
Function
Remarks
DA
Status
Contents
0
1
2
3
4
5
6
7
8
9
A
B
C
D
If HS is the horizontal display start location,
HS = T
× ( 2nHPn + N).
T: The cycle of display frequency
Leave one line worth of space in the ver-
tical direction.
For example, 6 Í 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18
× N horizontal scan lines.
N is determined by the character size in
the vertical direction as follows:
×1 N = 1 ×2 N = 2
×3 N = 3 ×4 N = 4
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
TEST9
SPACE0
SPACE1
SPACE2
HP9
(MSB)
HP0
(LSB)
SPACE
2
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
Number of Lines and Space
(Í represents space)
12
1 Í 10 Í 1
2 Í 8 Í 2
3 Í 6 Í 3
4 Í 4 Í 4
5 Í 2 Í 5
6 Í 6
6 Í Í 6
Í represents one line worth of spaces.
9
Σ
n = 0
1000 settings are possible.
HSZ10
HSZ20
0
1
0
1
HSZ11
HSZ21
0
0
1
1
N
6
7
8
9
It should be fixed to “0”.
Can not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com