Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M35045 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
22
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Unit
V
mA
V
V
k
Ω
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = 25°C
Ratings
–0.3 to +6.0
VSS –0.3 < VI < VDD +0.3
VSS < VO < VDD
300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
VDD
0
—
Min.
4.75
0.8VDD
0
30.0
Parameter
Supply voltage
__
__
“H” level input voltage SIN, SCK, CS, AC HOR, VERT
__
__
“L” level input voltage SIN, SCK, CS, AC HOR, VERT
Oscillating frequency for display
Max.
5.25
VDD
0.2VDD
80.0
Limits
RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = –20 to +85°C, unless otherwise noted)
Symbol
VDD
VIH
VIL
FOSC
Unit
V
V
V
MHz
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
Parameter
Supply voltage
Supply current
“H” level output voltage
“L” level output voltage
__
__
Pull-up resistance SCK, AC, CS, SIN
Test conditions
Ta = –20 to +85°C
VDD = 5.25V
VDD = 4.75V, IOH = 0.4mA
VDD = 4.75V, IOH = 0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 5.0V
Limits
Min.
4.75
—
3.5
—
10
Typ.
5.0
30
—
—
30
Max.
5.25
50
—
0.4
100
P0 ~ P7
CPOUT
P0 ~ P7
CPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com