Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35045 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M35045
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35045 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M35045 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35045 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
MITSUBISHI MICROCOMPUTERS
M35045-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Set frequency value N2
It should be fixed to “0”.
Can not be used.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
REGISTERS DESCRIPTION
(1) Address 12016
0
1
2
3
4
5
6
7
8
9
A
B
C
D
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
DIVS0
DIVS1
DIVS2
Set multiply value (frequency value) of horizontal synchronous fre-
quency.
N1 =
(DIVn
× 2n)
N1: frequency value
Display frequency is computed as
shown below.
FOSC = fH
× N1
FOSC [MHz] : Display frequency
fH [kHz]
: Horizontal synchronous
signal frequency to HOR
pin.
N1
: Shown left
Set display frequency FOSC to within
30MHz to 80MHz range.
When display frequency FOSC, set fre-
quency value N2 in association with
DIVS0 and DIVS1.
__
Note: The mark ⁄ around the status value means the reset status by the “L” level is input to AC pin.
Set frequency value N2 in association
with display frequency range.
10
Σ
n = 0
0
0
1
0
1
1
0
0
1
1
DIVS
Frequency
value N2
Display frequency
55 ~ 80
40 ~ 55
30 ~ 40
Register
DA
Status
Contents
Function
Remarks
Frequency value N2
Division into 2
Division into 3
Division into 4
Division into 2
Division into 3
Division into 4
Do not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com