Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE650103M Datasheet (PDF) - Renesas Technology Corp

NE650103M Datasheet PDF - Renesas Technology Corp
Part # NE650103M
Download  NE650103M Download
File Size   230.89 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NE650103M Datasheet (PDF)

Go To PDF Page Download Datasheet
NE650103M Datasheet PDF - Renesas Technology Corp

Part # NE650103M
Download  NE650103M Click to download

File Size   230.89 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NE650103M Datasheet (HTML) - Renesas Technology Corp


NE650103M Product details

10 W L, S-BAND POWER GaAs MES FET

DESCRIPTION
The NE650103M is a 10 W GaAs MES FET designed for power transmitter applications for mobile communication
base station systems. It is capable of delivering 10 W of output power (CW) with high linear gain, high efficiency and
low distortion.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• High output power: PO (1 dB) = 40.0 dBm TYP.
• High linear gain: GL = 11.0 dB TYP.
• High power added efficiency: ηadd = 45% TYP. @ VDS = 10.0 V, IDset = 1.5 A (RF OFF), f = 2.3 GHz




Similar Part No. - NE650103M

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
10 W L & S-BAND POWER GaAs MESFET
NE650103M-A CEL-NE650103M-A Datasheet
259Kb / 7P
10 W L & S-BAND POWER GaAs MESFET
More results


Similar Description - NE650103M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
N-CHANNEL GaAs MES FET
2001
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
N-CHANNEL GaAs MES FET
1998
NE960R2 RENESAS-NE960R2 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
NES1823P-140 RENESAS-NES1823P-140 Datasheet
183Kb / 10P
N-CHANNEL GaAs MES FET
2000
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com