Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD324 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD324 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD324
Download  YD324 Download
File Size   94.22 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description FOUR OPERATIONAL AMPLIFIER

YD324 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD324 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD324
Download  YD324 Click to download

File Size   94.22 Kbytes
Page   4 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description FOUR OPERATIONAL AMPLIFIER

YD324 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD324 Product details

DESCRIPTION AND FEATURES
These devices consist of four independent high-gain, phase –compensated operational amplifiers. A suitable recorder and Audio System for tone control. Can also used for telecom and instrument.

* Built-in phase-compensated circuit
* Operating supply voltage range : VCC =3.0~30.0V or VCC=± 1.5~± 15V
* Input voltage can low to 0V
* Output voltage range :0V~VCC-1.5V
* Supply current : ICC=0.6mA (RL=∞)
* DIP14 and SOP14




Similar Part No. - YD324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YD3 ETC2-YD3 Datasheet
80Kb / 4P
PTC Thermistors Temperature Sensors for Motor Protection and Electronics
logo
Wuxi Youda electronics ...
YD3161 YOUDA-YD3161 Datasheet
73Kb / 3P
DUAL EQUALIZER AMPLIFIER
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
YD3361 YOUDA-YD3361 Datasheet
98Kb / 5P
LOW POWER NARROW BAND IF AMPLIFIER
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
More results


Similar Description - YD324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
September 1999
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
50MHz, Selectable, Four Channel Video Operational Amplifier
November 1999
HA-2444883 INTERSIL-HA-2444883 Datasheet
47Kb / 7P
Selectable, Four Channel Video Operational Amplifier
August 1998
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
August 2000
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com