Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D20V0M2U3LP4 Datasheet (PDF) - Diodes Incorporated

D20V0M2U3LP4 Datasheet PDF - Diodes Incorporated
Part # D20V0M2U3LP4
Download  D20V0M2U3LP4 Download
File Size   337.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V 2-CH UNI-DIRECTIONAL TVS DIODE ARRAY

D20V0M2U3LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
D20V0M2U3LP4 Datasheet PDF - Diodes Incorporated

Part # D20V0M2U3LP4
Download  D20V0M2U3LP4 Click to download

File Size   337.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V 2-CH UNI-DIRECTIONAL TVS DIODE ARRAY

D20V0M2U3LP4 Datasheet (HTML) - Diodes Incorporated


D20V0M2U3LP4 Product details

Features
 Low Profile Package (0.40mm Max) and Ultra-Small PCB
Footprint Area (1.05 x 0.65mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±25kV, Contact ±25kV
 2 Channels of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D20V0M2U3LP4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D20V0H1U2LP DIODES-D20V0H1U2LP Datasheet
189Kb / 5P
20V UNIDIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D20V0H1U2LP-7B DIODES-D20V0H1U2LP-7B Datasheet
189Kb / 5P
20V UNIDIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D20V0L1B2LP DIODES-D20V0L1B2LP Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
D20V0L1B2LP-7B DIODES-D20V0L1B2LP-7B Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
D20V0L1B2LP3 DIODES-D20V0L1B2LP3 Datasheet
453Kb / 6P
20V BIDIRECTIONAL TVS DIODE
September 2021 Rev. 1 - 2
More results


Similar Description - D20V0M2U3LP4

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
ASM07 APMICRO-ASM07 Datasheet
675Kb / 5P
2-Line Uni-directional TVS Diode Array
logo
TECH PUBLIC Electronics...
ESDA14V2L TECHPUBLIC-ESDA14V2L Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
NUP2105LT1G-TP TECHPUBLIC-NUP2105LT1G-TP Datasheet
1,008Kb / 4P
2-Line Uni-directional TVS Diode
PSOT12C TECHPUBLIC-PSOT12C Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
SM12T1G TECHPUBLIC-SM12T1G Datasheet
997Kb / 4P
2-Line Uni-directional TVS Diode
TPPACDN042Y3R TECHPUBLIC-TPPACDN042Y3R Datasheet
986Kb / 4P
2-Line Uni-directional TVS Diode
TPMMBZ27VCLT1G TECHPUBLIC-TPMMBZ27VCLT1G Datasheet
958Kb / 4P
2-Line Uni-directional TVS Diode
TPNUP1105LT1G TECHPUBLIC-TPNUP1105LT1G Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
TPE12U20AS3 TECHPUBLIC-TPE12U20AS3 Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com