Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS416-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS416-Q
Download  BAS416-Q Download
File Size   194.46 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage switching diode

BAS416-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS416-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS416-Q
Download  BAS416-Q Click to download

File Size   194.46 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage switching diode

BAS416-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS416-Q Product details

1. General description
Epitaxial, medium-speed switching diode with a low-leakage current encapsulated in a small
SOD323 SMD plastic package.

2. Features and benefits
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 us
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low-leakage current applications in surface mounted circuits




Similar Part No. - BAS416-Q

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS416-HF COMCHIP-BAS416-HF Datasheet
466Kb / 4P
Small-Signal Fast Switching Diodes
REV:A
More results


Similar Description - BAS416-Q

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
logo
Rohm
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV170HYFH ROHM-BAV170HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage )
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FM ROHM-BAV199FM Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
Low leakage switching diode
Rev. 3 - 31 May 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com