Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416-Q Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS416-Q
Description  Low-leakage switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS416-Q Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS416-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAS416-Q
Low-leakage switching diode
18 April 2023
Product data sheet
1. General description
Epitaxial, medium-speed switching diode with a low-leakage current encapsulated in a small
SOD323 SMD plastic package.
2. Features and benefits
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 us
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Low-leakage current applications in surface mounted circuits
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
-
85
V
VF
forward voltage
IF = 50 mA; Tj = 25 °C
-
-
1.1
V
IR
reverse current
VR = 75 V; pulsed; Tj = 25 °C
-
0.003 5
nA
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tj = 25 °C
-
0.8
3
µs
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
2
1
SOD323
aaa-032142
K
A


Similar Part No. - BAS416-Q

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS416-HF COMCHIP-BAS416-HF Datasheet
466Kb / 4P
Small-Signal Fast Switching Diodes
REV:A
More results

Similar Description - BAS416-Q

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
BAS21AHT1G ONSEMI-BAS21AHT1G_14 Datasheet
53Kb / 3P
Low Leakage Switching Diode
August, 2014 ??Rev. 2
logo
Rohm
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV170HYFH ROHM-BAV170HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage )
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FM ROHM-BAV199FM Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
Low leakage switching diode
Rev. 3 - 31 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com