Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416-Q Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS416-Q
Description  Low-leakage switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS416-Q Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS416-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS416-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nexperia
BAS416-Q
Low-leakage switching diode
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 1 mA; Tj = 25 °C
-
-
0.9
V
IF = 10 mA; Tj = 25 °C
-
-
1
V
IF = 50 mA; Tj = 25 °C
-
-
1.1
V
VF
forward voltage
IF = 150 mA; Tj = 25 °C
-
-
1.25
V
VR = 75 V; pulsed; Tj = 25 °C
-
0.003 5
nA
IR
reverse current
VR = 75 V; pulsed; Tj = 150 °C
-
3
80
nA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tj = 25 °C
-
2
-
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tj = 25 °C
-
0.8
3
µs
0
IF
(mA)
100
200
300
0
100
200
Tamb (°C)
mhc323
Device mounted on an FR4 printed-circuit board.
Fig. 1. Maximum permissible continuous forward
current as a function of ambient temperature.
mlb752
300
0
100
200
IF
(mA)
0
1.6
0.8
1.2
0.4
VF (V)
(1) (2)
(3)
(1) Tamb = 150 °C; typical values
(2) Tamb = 25 °C; typical values
(3) Tamb = 25 °C; maximum values
Fig. 2. Forward current as a function of forward
voltage; per diode
BAS416-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
18 April 2023
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com