Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51000CTR Datasheet (PDF) - Renesas Technology Corp

SLG51000CTR Datasheet PDF - Renesas Technology Corp
Part # SLG51000CTR
Download  SLG51000CTR Download
File Size   1125.85 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches

SLG51000CTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG51000CTR Datasheet PDF - Renesas Technology Corp

Part # SLG51000CTR
Download  SLG51000CTR Click to download

File Size   1125.85 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches

SLG51000CTR Datasheet (HTML) - Renesas Technology Corp


SLG51000CTR Product details

Key Features
■ Input voltage range:
□ 2.8 V to 5.0 V (2 x HP LDO)
□ 1.7 V to 5.0 V (3 x HV LDO)
□ 0.8 V to 1.5 V (2 x LV LDO)
□ 0.5 V to 1.25 V (2 x load switch)
■ Separate input supply and enable pins for flexible power configurations
■ Output voltage range:
□ 2.4 V to 3.3 V (2 x HP LDO)
□ 1.2 V to 3.75 V (3 x HV LDO)
□ 0.5 V to 1.2 V (2 x LV LDO)
■ Output current levels:
□ Up to 475 mA (2 x HP LDO)
□ Up to 500 mA (3 x HV LDO)
□ Up to 800 mA (2 x LV LDO)
□ Up to 800 mA (2 x load switch)
■ High PSRR of 102 dB at 1 kHz and 81 dB at 1 MHz (2 x HP LDO)
■ Ultra-low output voltage noise of 13 μV (2 x HP LDO)
■ Low dropout voltage (10 mV per 100 mA of load) for high current LDO supply rails (2 x LV LDO)
■ Ultra-low RON load switches with low leakage and slew rate control for low VIN supplies
■ Tight output voltage accuracy of ±1 % over-temperature
■ Low shutdown current of 300 nA
■ Low quiescent current of 14 μA
■ User configurable settings via I2C interface and OTP
□ Including output voltage, power sequencing, soft-start timing, and current limit threshold
■ Soft start and soft shutdown
■ Under-voltage lockout (UVLO)
■ Thermal shutdown
■ Configurable temperature alerts
■ Wide -40 °C to +85 °C operating temperature
■ 20-pin WLCSP: 1.675 mm x 2.075 mm x 0.465 mm, 0.4 mm pitch




Similar Part No. - SLG51000CTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51001CTR RENESAS-SLG51001CTR Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51002 RENESAS-SLG51002 Datasheet
781Kb / 37P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
25-Jul-2023
SLG51002C RENESAS-SLG51002C Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
More results


Similar Description - SLG51000CTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com