Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
REF35 Datasheet PDF - Texas Instruments
Part # REF35
Download  REF35 Download
File Size   2130.07 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF35 Ultra Low-Power, High-Precision Voltage Reference

REF35 Datasheet (PDF)

Go To PDF Page Download Datasheet
REF35 Datasheet PDF - Texas Instruments

Part # REF35
Download  REF35 Click to download

File Size   2130.07 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description REF35 Ultra Low-Power, High-Precision Voltage Reference

REF35 Datasheet (HTML) - Texas Instruments


REF35 Product details

1 Features
• Ultra-low quiescent current:
– 650 nA (typical)
• Initial accuracy: ±0.05% (maximum)
• Temperature coefficient:
– 12 ppm/°C (maximum for −40°C to 105°C)
• Output 1/f noise (0.1 Hz to 10 Hz): 3.3 ppmP-P
• NR pin to reduce noise
• EN pin to reduce shutdown current consumption
• Long-term stability: 40 ppm at 1k hour
• Thermal hysteresis: 70 ppm
• Specified temperature range: −40°C to +105°C
• Operating temperature range: −55°C to +125°C
• Output current: +10 mA, −5 mA
• Input voltage: VREF + VDO to 6 V
• Output voltage options:
– 1.024 V, 1.2 V, 1.25 V, 1.6 V, 1.8 V, 2.048 V,
2.5 V, 3.0 V, 3.3 V, 4.096 V, 5.0 V
• Small footprint 6-pin SOT−23 package
• Smallest footprint 4-pin WCSP package

2 Applications
• Flow transmitter
• Blood glucose monitor
• Servo drive control module
• Power quality analyzer
• Fault indicator
• Oscilloscope
• Process analytics
• Optical Module

3 Description
The REF35 is a family of nanopower, low-drift, highprecision
series reference devices. The REF35 family
features ±0.05% initial accuracy with 650 nA typical
power consumption. The temperature coefficient (12
ppm/°C) and long-term stability (40 ppm at 1000
hours) of the device can help improve system stability
and reliability. The low power consumption combined
with high precision specifications are suitable for wide
variety of portable and low current applications.
The REF35 supplies up to 10 mA current with 3.3
ppmp-p noise and 20 ppm/mA load regulation. With
this feature set, REF35 creates a strong low-noise,
high accuracy power supply for precision sensors and
12–16b data converters.
The family is specified for operation from –40°C to
105°C and is functional over –55°C to 125°C. The
wide temperature is suited for industrial applications.
REF35 is available in wide output voltage variants
starting from 1.024 V to 5.0 V. The device is
offered in a space-saving, 6-pin SOT-23 and 4-pin
WCSP package options. Contact your local TI sales
representative for available voltage and package
options.




Similar Part No. - REF35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF35 TI-REF35 Datasheet
1Mb / 27P
REF35 Ultra Low-Power, High-Precision Voltage Reference
DECEMBER 2021
REF35 TI-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35 Datasheet
2Mb / 30P
REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2023
More results


Similar Description - REF35

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029 MAXIM-MAX6029 Datasheet
564Kb / 15P
Ultra-Low-Power Precision Series Voltage Reference
Rev 0; 7/03
MAX6029 MAXIM-MAX6029_06 Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
logo
Texas Instruments
REF35 TI-REF35 Datasheet
1Mb / 27P
REF35 Ultra Low-Power, High-Precision Voltage Reference
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
Ultra-Low-Power Precision Series Voltage Reference
2009
logo
Texas Instruments
REF35 TI-REF35_V01 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35-Q1 TI1-REF35-Q1 Datasheet
2Mb / 30P
REF35-Q1 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com