Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF35
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments REF35 Datasheet HTML 10Page - Texas Instruments REF35 Datasheet HTML 11Page - Texas Instruments REF35 Datasheet HTML 12Page - Texas Instruments REF35 Datasheet HTML 13Page - Texas Instruments REF35 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = VREF + 0.3 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Time (1ms/div)
VREF (600 mV/div)
IL = 10 mA
IL = -5 mA
Figure 7-19. Load Transient Response
(VREF = 2.5 V, CL = 1 μF)
Time (1ms/div)
IL = 1mA
IL = -1mA
VREF (90mV/div)
Figure 7-20. Load Transient Response
(VREF = 1.25 V, CL = 1 μF)
Time (1ms/div)
VREF (650 mV/div)
IL = 10 mA
IL = -5 mA
Figure 7-21. Load Transient Response
(VREF = 1.25 V, CL = 1 μF)
Temperature (
C)
-40
0
40
80
120
0
10
20
30
40
50
Figure 7-22. Line Regulation vs Free-Air Temperature
Time (1ms/div)
VIN (4.3V/div)
IL = 0mA (160mV/div)
IL = 1mA (160mV/div)
Figure 7-23. Line Transient Response
(VREF = 1.25 V, CL = 1 μF)
Time (1ms/div)
VIN (3V/div)
IL = 0mA (100mV/div)
IL = 1mA (100mV/div)
Figure 7-24. Line Transient Response
(VREF = 2.5 V, CL = 1 μF)
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com