Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF35
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35 Datasheet(HTML) 3 Page - Texas Instruments

  REF35 Datasheet HTML 1Page - Texas Instruments REF35 Datasheet HTML 2Page - Texas Instruments REF35 Datasheet HTML 3Page - Texas Instruments REF35 Datasheet HTML 4Page - Texas Instruments REF35 Datasheet HTML 5Page - Texas Instruments REF35 Datasheet HTML 6Page - Texas Instruments REF35 Datasheet HTML 7Page - Texas Instruments REF35 Datasheet HTML 8Page - Texas Instruments REF35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Device Comparison
PRODUCT
VREF
SOT-23 (6)
WCSP (4) (1)
REF35102QDBVR
REF35102YBHR
1.024 V
REF35120QDBVR
REF35120YBHR
1.2 V
REF35125QDBVR
REF35125YBHR
1.25 V
REF35160QDBVR
REF35160YBHR
1.6 V
REF35180QDBVR
REF35180YBHR
1.8 V
REF35205QDBVR
REF35205YBHR
2.048 V
REF35250QDBVR
REF35250YBHR
2.5 V
REF35300QDBVR
REF35300YBHR
3.0 V
REF35330QDBVR
REF35330YBHR
3.3 V
REF35409QDBVR
REF35409YBHR
4.096 V
REF35500QDBVR
REF35500YBHR
5.0 V
(1)
Product preview. Contact local TI support for samples.
6 Pin Configuration and Functions
Not to scale
VREF
NR
VIN
GND
GND
EN
1
2
3
6
5
4
Figure 6-1. DBV Package
6-Pin SOT-23
Top View
Not to scale
VREF
VIN
GND
EN
A1
A2
B1
B2
Preview only
Figure 6-2. YBH Package
4-Pin WCSP
Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
SOT-23
WCSP
GND
1
B1
Ground
Device ground connection
GND
2
-
Ground
Device ground connection
EN
3
B2
Input
Enable connection. Enables or disables the device.
VIN
4
A2
Power
Input supply voltage connection
NR
5
-
Output
Noise reduction pin. Connect a capacitor to reduce noise.
VREF
6
A1
Output
Reference voltage output
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com