Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7769 Datasheet (PDF) - Analog Devices

ADE7769 Datasheet PDF - Analog Devices
Part # ADE7769
Download  ADE7769 Download
File Size   389.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator and No-Load Indication

ADE7769 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7769 Datasheet PDF - Analog Devices

Part # ADE7769
Download  ADE7769 Click to download

File Size   389.38 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator and No-Load Indication

ADE7769 Datasheet (HTML) - Analog Devices


ADE7769 Product details

GENERAL DESCRIPTION

The ADE7769 is a high accuracy electrical energy metering IC. It is a pin reduction version of the ADE7755 with an enhanced, precise oscillator circuit that serves as a clock source to the chip. The ADE7769 eliminates the cost of an external crystal or resonator, thus reducing the overall cost of a meter built with this IC. The chip directly interfaces with the shunt resistor.



FEATURES

On-chip oscillator as clock source

High accuracy, supports 50 Hz/60 Hz IEC62053-21

Less than 0.1% error over a dynamic range of 500 to 1

Supplies average real power on frequency outputs F1 and F2

High frequency output CF calibrates and supplies instantaneous real power

CF output remains logic high when ADE7769 is under no-load threshold

Logic output REVP indicates a potential miswiring or negative power

Direct drive for electromechanical counters and 2-phase stepper motors (F1 and F2)

Proprietary ADCs and DSPs provide high accuracy over large variations in environmental conditions and time

On-chip power supply monitoring

On-chip creep protection (no-load threshold)

On-chip reference 2.45 V (20 ppm/°C typical) with external overdrive capability

Single 5 V supply, low power (20 mW typical)

Low cost CMOS process




Similar Part No. - ADE7769

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
More results


Similar Description - ADE7769

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
AD71056 AD-AD71056 Datasheet
412Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Aug-2006
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com