Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757 Datasheet (PDF) - Analog Devices

ADE7757 Datasheet PDF - Analog Devices
Part # ADE7757
Download  ADE7757 Download
File Size   534.88 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator

ADE7757 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7757 Datasheet PDF - Analog Devices

Part # ADE7757
Download  ADE7757 Click to download

File Size   534.88 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator

ADE7757 Datasheet (HTML) - Analog Devices


ADE7757 Product details

GENERAL DESCRIPTION
The ADE7757 is a high accuracy electrical energy measurement IC. It is a pin reduction version of the ADE7755 with an enhancement of a precise oscillator circuit that serves as a clock source to the chip. The ADE7757 eliminates the cost of an external crystal or resonator, thus reducing the overall cost of a meter *U.S. Patents built with this IC. The chip directly interfaces with the shunt resistor and operates only with ac input.
   
FEATURES
    On-Chip Oscillator as Clock Source
    High Accuracy, Supposes 50 Hz/60 Hz IEC 521/IEC 61036
    Less than 0.1% Error over a Dynamic Range of 500 to 1
    The ADE7757 Supplies Average Real Power on the
        Frequency Outputs F1 and F2
    The High Frequency Output CF Is Intended for
        Calibration and Supplies Instantaneous Real Power
    The Logic Output REVP Can Be Used to Indicate a
        Potential Miswiring or Negative Power
    Direct Drive for Electromechanical Counters and
        2-Phase Stepper Motors (F1 and F2)
    Proprietary ADCs and DSP Provide High Accuracy over
        Large Variations in Environmental Conditions and
        Time
    On-Chip Power Supply Monitoring
    On-Chip Creep Protection (No Load Threshold)
    On-Chip Reference 2.5 V (20 ppm/°C Typical)
        with External Overdrive Capability
    Single 5 V Supply, Low Power (20 mW Typical)
    Low Cost CMOS Process
    AC Input Only
   




Similar Part No. - ADE7757

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
More results


Similar Description - ADE7757

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7769 AD-ADE7769 Datasheet
389Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
8/05-Sp0 to Rev. A
AD71056 AD-AD71056 Datasheet
412Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Aug-2006
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com