Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7757 Datasheet HTML 6Page - Analog Devices ADE7757 Datasheet HTML 7Page - Analog Devices ADE7757 Datasheet HTML 8Page - Analog Devices ADE7757 Datasheet HTML 9Page - Analog Devices ADE7757 Datasheet HTML 10Page - Analog Devices ADE7757 Datasheet HTML 11Page - Analog Devices ADE7757 Datasheet HTML 12Page - Analog Devices ADE7757 Datasheet HTML 13Page - Analog Devices ADE7757 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC.
ADE7757
–10–
POWER SUPPLY MONITOR
The ADE7757 contains an on-chip power supply monitor.
The power supply (VDD) is continuously monitored by the
ADE7757. If the supply is less than 4 V, the ADE7757
will reset. This is useful to ensure proper device operation
at power-up and power-down. The power supply monitor
has built in hysteresis and filtering that provide a high
degree of immunity to false triggering from noisy sup-
plies.
As can be seen from Figure 17, the trigger level is nomi-
nally set at 4 V. The tolerance on this trigger level is
within ±5%. The power supply and decoupling for the
part should be such that the ripple at VDD does not exceed
5 V ± 5% as specified for normal operation.
VDD
5V
4V
0V
INTERNAL
ACTIVATION
INACTIVE
TIME
ACTIVE
INACTIVE
Figure 17. On-Chip Power Supply Monitor
HPF and Offset Effects
Figure 18 illustrates the effect of offsets on the real power cal-
culation. As can be seen, offsets on Channel V1 and Channel
V2 will contribute a dc component after multiplication. Since
this dc component is extracted by the LPF and used to gener-
ate the real power information, the offsets will contribute a
constant error to the real power calculation. This problem is
easily avoided by the built-in HPF in Channel V1. By removing
the offsets from at least one channel, no error component can
be generated at dc by the multiplication. Error terms at the line
frequency (
ω) are removed by the LPF and the digital-to-
frequency conversion—see Digital-to-Frequency Con
Digital-to-Frequency Con
Digital-to-Frequency Con
Digital-to-Frequency Con
Digital-to-Frequency Conver-
ver-
ver-
ver-
ver-
sion.
sion.
sion.
sion.
sion.
The equation below shows how power calculation is affected by
the dc offsets in the current and voltage channels:
{}{
}
)
t
2
cos(
2
I
V
)
t
cos(
V
I
)
t
cos(
I
V
I
V
2
I
V
I
)
t
cos(
I
V
t)
Vcos(
os
os
os
os
os
os
ω
×
×
+
ω
×
+
ω
×
+
×
+
×
=
+
ω
×
+
ω
DC COMPONENT (INCLUDING ERROR TERM) IS
EXTRACTED BY THE LPF FOR REAL POWER CALCULATION
FREQUENCY - Rad/s
0
2
I
V
×
os
os
I
V
×
V
Ios ×
I
Vos ×
Figure 18. Effect of Channel Offset on the Real Power
Calculation
The HPF in Channel V1 has an associated phase response
that is compensated for on-chip. Figures 19 and 20 show
the phase error between channels with the compensation
network activated. The ADE7757 is phase compensated up
to 1 kHz as shown. This will ensure correct active har-
monic power calculation even at low power factors.
FREQUENCY - Hz
0
100
-0.05
-0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900
1000
Figure 19. Phase Error Between Channels (0 Hz to 1 kHz)
FREQUENCY - Hz
40
-0.05
-0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
45
50
55
60
65
70
Figure 20. Phase Error Between Channels (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com