Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7757 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7757
Description  Energy Metering IC with Integrated Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7757 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7757 Datasheet HTML 5Page - Analog Devices ADE7757 Datasheet HTML 6Page - Analog Devices ADE7757 Datasheet HTML 7Page - Analog Devices ADE7757 Datasheet HTML 8Page - Analog Devices ADE7757 Datasheet HTML 9Page - Analog Devices ADE7757 Datasheet HTML 10Page - Analog Devices ADE7757 Datasheet HTML 11Page - Analog Devices ADE7757 Datasheet HTML 12Page - Analog Devices ADE7757 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
–9–
PRELIMINARY TECHNICAL DATA
REV. PrC.
ADE7757
Using Equations 1 and 2, the real power P can be ex-
pressed in terms of its fundamental real power (P1) and
harmonic real power (PH).
H
1
P
P
P
+
=
where:
1
1
1
1
1
1
1
cos
I
V
P
β
−
α
=
φ
φ
×
=
(3)
and
h
h
h
1
h
h
h
h
H
cos
I
V
P
β
−
α
=
φ
φ
×
=
∑
∞
≠
(4)
As can be seen from Equation 4 above, a harmonic real
power component is generated for every harmonic, pro-
vided that harmonic is present in both the voltage and
current waveforms. The power factor calculation has pre-
viously been shown to be accurate in the case of a pure
sinusoid, therefore the harmonic real power must also
correctly account for power factor since it is made up of a
series of pure sinusoids.
Note that the input bandwidth of the analog inputs is
14 kHz with.
ANALOG INPUTS
Channel V1 (Current Channel )
The voltage output from the current sensor is connected to the
ADE7757 here. Channel V1 is a fully differential voltage input.
V1P is the positive input with respect to V1N.
The maximum peak differential signal on Channel V1 should
be less than ±30 mV (21 mV rms for a pure sinusoidal signal)
for specified operation.
DIFFERENTIAL INPUT
±30mV MAX PEAK
+30mV
AGND
VCM
V1
V1P
VCM
-30mV
COMMON-MODE
±6.25mV MAX
V1N
V1
Figure 13. Maximum Signal Levels, Channel V1
The diagram in Figure 13 illustrates the maximum signal
levels on V1P and V1N. The maximum differential voltage
is ±30 mV. The differential voltage signal on the inputs
must be referenced to a common mode, e.g. AGND. The
maximum common mode signal is ±6.25 mV as shown in
Figure 13.
Channel V2 (Voltage Channel )
The output of the line voltage sensor is connected to the
ADE7757 at this analog input. Channel V2 is a fully differen-
tial voltage input with maximum peak differential signal
of ±165 mV. Figure 14 illustrates the maximum signal
levels that can be connected to the ADE7757 Channel V2.
DIFFERENTIAL INPUT
±165mV MAX PEAK
+165mV
AGND
VCM
V2
V2P
VCM
-165mV
COMMON-MODE
±25mV MAX
V2N
V2
Figure 14. Maximum Signal Levels, Channel V2
Channel V2 is usually driven from a common-mode volt-
age, i.e., the differential voltage signal on the input is
referenced to a common mode (usually AGND). The
analog inputs of the ADE7757 can be driven with com-
mon-mode voltages of up to 25 mV with respect to
AGND. However best results are achieved using a com-
mon mode equal to AGND.
Typical Connection Diagrams
Figure 15 shows a typical connection diagram for Channel V1.
A shunt is the current sensor selected for this example because of
its low cost compared to other current sensors such as the CT
(current transformer). This IC is ideal for low current
meters.
V1P
AGND
±30mV
Rf
Rf
SHUNT
V1N
Cf
Cf
PHASE
NEUTRAL
Figure 15. Typical Connection for Channel V1
Figure 16 shows a typical connection for Channel V2.
Typically, ADE7757 is biased around the neutral wire,
and a resistor divider is used to provide a voltage signal
that is proportional to the line voltage. Adjusting the ratio
of Ra, Rb and VR is also a convenient way of carrying out
a gain calibration on a meter.
Ra*
Rb*
VR*
±165mV
V2P
Rf
NEUTRAL
PHASE
V2N
Cf
Cf
*Ra >> Rf + VR
*Rb + VR = Rf
Figure 16. Typical Connections for Channel V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com