Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7768 Datasheet (PDF) - Analog Devices

ADE7768 Datasheet PDF - Analog Devices
Part # ADE7768
Download  ADE7768 Download
File Size   404.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator and Positive Power Accumulation

ADE7768 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7768 Datasheet PDF - Analog Devices

Part # ADE7768
Download  ADE7768 Click to download

File Size   404.4 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with Integrated Oscillator and Positive Power Accumulation

ADE7768 Datasheet (HTML) - Analog Devices


ADE7768 Product details

GENERAL DESCRIPTION
The ADE77681 is a high accuracy, electrical energy metering IC. It is a pin reduction version of the ADE7755, enhanced with a precise oscillator circuit that serves as a clock source to the chip. The ADE7768 eliminates the cost of an external crystal or resonator, thus reducing the overall cost of a meter built with this IC. The chip directly interfaces with the shunt resistor.

FEATURES
   On-chip oscillator as clock source
   High accuracy, supports 50 Hz/60 Hz IEC62053-21
   Less than 0.1% error over a dynamic range of 500 to 1
   Supplies positive-only average real power on frequency
      outputs F1 and F2
   High frequency output CF calibrates and supplies
      instantaneous, positive-only real power
   Logic output REVP indicates potential miswiring or negative
      power
   Direct drive for electromechanical counters and 2-phase
      stepper motors (F1 and F2)
   Proprietary ADCs and DSPs provide high accuracy over
      large variations in environmental conditions and time
   On-chip power supply monitoring
   On-chip creep protection (no-load threshold)
   On-chip reference 2.45 V (20 ppm/°C typical) with
      external overdrive capability
   Single 5 V supply, low power (20 mW typical)
   Low cost CMOS process




Similar Part No. - ADE7768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
More results


Similar Description - ADE7768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
ADE7769 AD-ADE7769 Datasheet
389Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
8/05-Sp0 to Rev. A
AD71056 AD-AD71056 Datasheet
412Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Aug-2006
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
logo
Microchip Technology
MCP39F521 MICROCHIP-MCP39F521 Datasheet
1,001Kb / 52P
I2C Power Monitor with Calculation and Energy Accumulation
07/14/15
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com