Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5820EMA Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5820EMA Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5820EMA
Download  MA5820EMA Download
File Size   162.62 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Controller With CC/CV

MA5820EMA Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5820EMA Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5820EMA
Download  MA5820EMA Click to download

File Size   162.62 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Controller With CC/CV

MA5820EMA Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5820EMA Product details

GENERAL DESCRIPTION
The MA5820 is an asynchronous buck controller. The device needs external high side power
MOSFET and low side schottky diode, and provides 3A of continuous load current over a wide
input voltage of 10V to 58V range. Current mode control provides fast transient response and
cycle-bicycle current limit. Internal soft-start function prevents inrush current at turn-on.
This device is available in a small MSOP-10L-EP package, and provides a very compact
solution with minimal external components.

FEATURES
- Wide 10V~ 58V Operating Input Range
- External High-Side P-channel MOSFET Switch
- Output Adjustable : VFB(1.00V±2%)
- Up to 93% Efficiency
- Internal Soft-Start / Thermal Shutdown Protection
- Fixed 240KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout




Similar Part No. - MA5820EMA

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
58V Asynchronous Buck Controller
Rev.1.1
MA5821EMA MPOWER-MA5821EMA Datasheet
172Kb / 2P
58V Asynchronous Buck Controller
Rev.1.1
More results


Similar Description - MA5820EMA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
58V Asynchronous Buck Controller
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com