Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5805 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5805 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5805
Download  MA5805 Download
File Size   129.02 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Converter for POE

MA5805 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5805 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5805
Download  MA5805 Click to download

File Size   129.02 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Converter for POE

MA5805 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5805 Product details

GENERAL DESCRIPTION
The MA5805 is a monolithic asynchronous buck regulator. The device integrates 110mΩ
MOSFET, and provides 2A of continuous load current over a wide input voltage of 10V to 58V.
Current mode control provides fast transient response and cycle-bicycle current limit.
The internal soft-start function prevents inrush current at turn-on, This device, available in an
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.

FEATURES
- Wide 10V to 58V Operating Input Range
- 3.3V / 5V Output Voltage (for POE)
- Integrated 110mΩ P-channel MOSFET Switches
- Output Adjustable :VFB(1.00V±2%)
- Internal Soft-Start
- Fixed 500KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout




Similar Part No. - MA5805

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5801ESA MPOWER-MA5801ESA Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5802ESA MPOWER-MA5802ESA Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
More results


Similar Description - MA5805

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
380kHz, 2A Asynchronous DC-DC Buck Converter
AP3203 BCDSEMI-AP3203 Datasheet
542Kb / 11P
380kHz, 3A Asynchronous DC - DC Buck Converter
AP3211 BCDSEMI-AP3211 Datasheet
453Kb / 12P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
AP3211H BCDSEMI-AP3211H Datasheet
460Kb / 11P
1.4MHz, 1.5A ASYNCHRONOUS DC-DC BUCK CONVERTER
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
58V Asynchronous Buck Controller
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com