Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5821 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5821 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5821
Download  MA5821 Download
File Size   172.8 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Controller

MA5821 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5821 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5821
Download  MA5821 Click to download

File Size   172.8 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 58V Asynchronous Buck Controller

MA5821 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5821 Product details

GENERAL DESCRIPTION
The MA5821 is an asynchronous buck controller. The device needs external high side power
MOSFET and low side schottky diode, and provides 3A of continuous load current over a wide
input voltage of 10V to 58V range. Current mode control provides fast transient response and
cycle-bicycle current limit. An internal soft-start function prevents inrush current at turn-on.
This device is available in small MSOP-10L-EP package, and provides a very compact
solution with minimal external components.

FEATURES
- Wide 10V~ 58V Operating Input Range
- External High-Side P-channel MOSFET Switch
- Output Adjustable : VFB(1.00V±2%)
- Up to 93% Efficiency
- Internal Soft-Start / Thermal Shutdown Protection
- Fixed 240KHz Frequency
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout




Similar Part No. - MA5821

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
MA5820EMA MPOWER-MA5820EMA Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results


Similar Description - MA5821

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com