Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC12 Datasheet (PDF) - NXP Semiconductors

M68HC12 Datasheet PDF - NXP Semiconductors
Part # M68HC12
Download  M68HC12 Download
File Size   5009.09 Kbytes
Page   478 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC12 Microcontrollers

M68HC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC12 Datasheet PDF - NXP Semiconductors

Part # M68HC12
Download  M68HC12 Click to download

File Size   5009.09 Kbytes
Page   478 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC12 Microcontrollers

M68HC12 Datasheet (HTML) - NXP Semiconductors


M68HC12 Product details

Features
• 16-bit CPU12
– Upward compatible with M68HC11 instruction set
– Interrupt stacking and programmer’s model identical to
M68HC11
– 20-bit ALU
– Instruction queue
– Enhanced indexed addressing
• Multiplexed bus
– Single chip or expanded
– 16 address/16 data wide or 16 address/8 data narrow modes
• Memory
– 128K byte flash EEPROM, made of four 32K byte modules
with 8K bytes protected BOOT section in each module
– 2K byte EEPROM
– 8K byte RAM with Vstby, made of two 4K byte modules.
• Two Analog-to-digital converters
– 2 times 8-channels, 10-bit resolution
• Three 1M bit per second, CAN 2.0 A, B software compatible
modules on the MC68HC912DT128A (two on the
MC68HC912DG128A)
– Two receive and three transmit buffers per CAN
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or
8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
per CAN
– Low-pass filter wake-up function
– Loop-back for self test operation
– Programmable link to a timer input capture channel, for timestamping
and network synchronization.
• Enhanced capture timer (ECT)
– 16-bit main counter with 7-bit prescaler
– 8 programmable input capture or output compare channels; 4
of the 8 input captures with buffer
– Input capture filters and buffers, three successive captures on
four channels, or two captures on four channels with a
capture/compare selectable on the remaining four
– Four 8-bit or two 16-bit pulse accumulators
– 16-bit modulus down-counter with 4-bit prescaler
– Four user-selectable delay counters for signal filtering
• 4 PWM channels with programmable period and duty cycle
– 8-bit 4-channel or 16-bit 2-channel
– Separate control for each pulse width and duty cycle
– Center- or left-aligned outputs
– Programmable clock select logic with a wide range of
frequencies
• Serial interfaces
– Two asynchronous serial communications interfaces (SCI)
– Inter IC bus interface (I2C)
– Synchronous serial peripheral interface (SPI)
• LIM (lite integration module)
– WCR (windowed COP watchdog, real time interrupt, clock
monitor)
– ROC (reset and clocks)
– MEBI (multiplexed external bus interface)
– MMI (memory map and interface)
– INT (interrupt control)
– BKP (breakpoints)
– BDM (background debug mode)
• Two 8-bit ports with key wake-up interrupt
• Clock generation
– Phase-locked loop clock frequency multiplier
– Limp home mode in absence of external clock
– Slow mode divider
– Low power 0.5 to 16 MHz crystal oscillator reference clock
– Option of a Pierce or Colpitts oscillator
• 112-Pin TQFP package
– Up to 67 general-purpose I/O lines on the
MC68HC912DT128A (up to 69 on the MC68HC912DG128A),
plus up to 18 input-only lines
– 5.0V operation at 8 MHz
• Development support
– Single-wire background debug™ mode (BDM)
– On-chip hardware breakpoints




Similar Part No. - M68HC12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC12 MOTOROLA-M68HC12 Datasheet
2Mb / 432P
Advance Information - Rev 4.0
M68HC128 MOTOROLA-M68HC128 Datasheet
5Mb / 362P
Microcontrollers
logo
Freescale Semiconductor...
M68HC12A4EVB FREESCALE-M68HC12A4EVB Datasheet
194Kb / 4P
Primarily as an Expanded Mode Microcontroller
M68HC12B FREESCALE-M68HC12B Datasheet
1Mb / 334P
Microcontrollers
logo
NXP Semiconductors
M68HC12B NXP-M68HC12B Datasheet
3Mb / 334P
Microcontrollers
Rev. 9.1 07/2005
More results


Similar Description - M68HC12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
AN2104 FREESCALE-AN2104 Datasheet
508Kb / 20P
Using Background Debug Mode for the M68HC12 Family
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC912D60 FREESCALE-MC68HC912D60 Datasheet
2Mb / 432P
M68HC12 Microcontrollers
MC68HC912DG128 FREESCALE-MC68HC912DG128 Datasheet
3Mb / 452P
M68HC12 Microcontrollers
logo
NXP Semiconductors
MC68HC12D60 NXP-MC68HC12D60 Datasheet
4Mb / 432P
M68HC12 Microcontrollers
Rev. 4, 11/2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com