Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC12D60 Datasheet (PDF) - NXP Semiconductors

68HC12D60 Datasheet PDF - NXP Semiconductors
Part # 68HC12D60
Download  68HC12D60 Download
File Size   4498.46 Kbytes
Page   432 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC12 Microcontrollers

68HC12D60 Datasheet (PDF)

Go To PDF Page Download Datasheet
68HC12D60 Datasheet PDF - NXP Semiconductors

Part # 68HC12D60
Download  68HC12D60 Click to download

File Size   4498.46 Kbytes
Page   432 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC12 Microcontrollers

68HC12D60 Datasheet (HTML) - NXP Semiconductors


68HC12D60 Product details

Features
• 16-bit CPU12
– Upward compatible with M68HC11 instruction set
– Interrupt stacking and programmer’s model identical to
M68HC11
– 20-bit ALU
– Instruction queue
– Enhanced indexed addressing
• Multiplexed bus
– Single chip or expanded
– 16 address/16 data wide or 16 address/8 data narrow mode
• Two 8-bit ports with key wake-up interrupt (2 pins only are
available on 80QFP) and one I2C start bit detector (112TQFP
only)
• Memory
– 60K byte flash EEPROM, made of a 28K module and a 32K
module with 8K bytes protected BOOT section in each module
(68HC912D60)
– 60K byte ROM (68HC12D60)
– 1K byte EEPROM
– 2K byte RAM
• Analog-to-digital converters
– 2 x 8-channels, 10-bit resolution in 112TQFP
– 1 x 8-channels, 8-bit resolution in 80QFP
• 1M bit per second, CAN 2.0 A, B software compatible module
– Two receive and three transmit buffers
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or
8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
– Low-pass filter wake-up function
– In 80QFP, only TxCAN and RxCAN pins are available
– Loop-back for self test operation
– Programmable link to a timer input capture channel, for timestamping
and network synchronization.
• Enhanced capture timer (ECT)
– 16-bit main counter with 7-bit prescaler
– 8 programmable input capture or output compare channels; 4
of the 8 input captures with buffer
– Input capture filters and buffers, three successive captures on
four channels, or two captures on four channels with a
capture/compare selectable on the remaining four
– Four 8-bit or two 16-bit pulse accumulators
– 16-bit modulus down-counter with 4-bit prescaler
– Four user-selectable delay counters for signal filtering
• 4 PWM channels with programmable period and duty cycle
– 8-bit 4-channel or 16-bit 2-channel
– Separate control for each pulse width and duty cycle
– Center- or left-aligned outputs
– Programmable clock select logic with a wide range of
frequencies
• Serial interfaces
– Two asynchronous serial communications interfaces (SCI)
– MI-Bus implemented on final devices
– Synchronous serial peripheral interface (SPI)
• LIM (light integration module)
– WCR (windowed COP watchdog, real time interrupt, clock
monitor)
– ROC (reset and clocks)
– MEBI (multiplexed external bus interface)
– MBI (internal bus interface and map)
– INT (interrupt control)
• Clock generation
– Phase-locked loop clock frequency multiplier
– Limp home mode in absence of external clock
– Slow mode divider
– Low power 0.5 to 16 MHz crystal oscillator reference clock
• 112-Pin TQFP package or 80-pin QFP package
– Up to 68 general-purpose I/O lines, plus up to 18 input-only
lines in 112TQFP
or
Up to 48 general-purpose I/O lines, plus up to 10 input-only
lines in 80QFP
• 8MHz operation at 5V
• Development support
– Single-wire background debug™ mode (BDM)
– On-chip hardware breakpoints




Similar Part No. - 68HC12D60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC12D60 MOTOROLA-68HC12D60 Datasheet
13Kb / 1P
Pin out and Signal Descriptions
More results


Similar Description - 68HC12D60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
AN2104 FREESCALE-AN2104 Datasheet
508Kb / 20P
Using Background Debug Mode for the M68HC12 Family
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC912D60 FREESCALE-MC68HC912D60 Datasheet
2Mb / 432P
M68HC12 Microcontrollers
MC68HC912DG128 FREESCALE-MC68HC912DG128 Datasheet
3Mb / 452P
M68HC12 Microcontrollers
logo
NXP Semiconductors
MC68HC912DT128A NXP-MC68HC912DT128A Datasheet
4Mb / 478P
M68HC12 Microcontrollers
Rev. 4, 10/2003
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com