Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG793A Datasheet (PDF) - Analog Devices

ADG793A Datasheet PDF - Analog Devices
Part # ADG793A
Download  ADG793A Download
File Size   541.11 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer

ADG793A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG793A Datasheet PDF - Analog Devices

Part # ADG793A
Download  ADG793A Click to download

File Size   541.11 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer

ADG793A Datasheet (HTML) - Analog Devices


ADG793A Product details

GENERAL DESCRIPTION

The ADG793A/ADG793G are monolithic CMOS devices comprising three 3:1 multiplexers/demultiplexers controllable via a standard I2C serial interface. The CMOS process provides ultralow power dissipation, yet gives high switching speed and low on resistance.

The on-resistance profile is very flat over the full analog input range, and the wide bandwidth ensures excellent linearity and low distortion. These features, combined with a wide input signal range, make the ADG793A/ADG793G the ideal switching solution for a wide range of TV applications, including RGB and YPbPr video switches.



FEATURES

Bandwidth: 195 MHz

Low insertion loss and on resistance: 2.6 Ω typical

On-resistance flatness 0.3 Ω typical

3.3 V analog signal range (5 V supply, 75 Ω load)

Single 3 V/5 V supply operation

Low quiescent supply current: 1 nA typical

Fast switching times: tON = 185 ns, tOFF = 181 ns

I2C®-compatible interface

Compact, 24-lead LFCSP

Two I2C-controllable logic outputs

ESD protection

  4 kV human body model (HBM)

  200 V machine model (MM)

  1 kV field-induced charged device model (FICDM)



APPLICATIONS

RGB/YPbPr video switches

HDTV

Projection TV

DVD-R/RW

AV receivers




Similar Part No. - ADG793A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
More results


Similar Description - ADG793A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795A AD-ADG795A Datasheet
543Kb / 24P
I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
7/06-Revision 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
7/06-Revision 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
7/06-Revision 0
ADG792A AD-ADG792A_15 Datasheet
569Kb / 24P
Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG792G AD-ADG792G_15 Datasheet
569Kb / 24P
Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
ADG793A AD-ADG793A_15 Datasheet
541Kb / 24P
Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG793G AD-ADG793G_15 Datasheet
541Kb / 24P
Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com