Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9755 Datasheet (PDF) - Analog Devices

AD9755 Datasheet PDF - Analog Devices
Part # AD9755
Download  AD9755 Download
File Size   532.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 300 MSPS High Speed TxDAC D/A Converter

AD9755 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9755 Datasheet PDF - Analog Devices

Part # AD9755
Download  AD9755 Click to download

File Size   532.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 300 MSPS High Speed TxDAC D/A Converter

AD9755 Datasheet (HTML) - Analog Devices


AD9755 Product details

PRODUCT DESCRIPTION

The AD9755 is a dual, muxed port, ultrahigh speed, single channel, 14-bit CMOS DAC. It integrates a high quality 14-bit TxDAC+ core, a voltage reference, and digital interface circuitry into a small 48-lead LQFP package. The AD9755 offers exceptional ac and dc performance while supporting update rates up to 300 MSPS.



FEATURES

  14-Bit Dual Muxed Port DAC

  300 MSPS Output Update Rate

  Excellent SFDR and IMD Performance

  SFDR to Nyquist @ 25 MHz Output: 71 dB

  Internal Clock Doubling PLL

  Differential or Single-Ended Clock Input

  On-Chip 1.2 V Reference

  Single 3.3 V Supply Operation

  Power Dissipation: 155 mW @ 3.3 V

  48-Lead LQFP



APPLICATIONS

  Communications: LMDS, LMCS, MMDS

  Base Stations

  Digital Synthesis

  QAM and OFDM



 




Similar Part No. - AD9755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9755AST AD-AD9755AST Datasheet
904Kb / 26P
12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV.0
AD9755 AD-AD9755_15 Datasheet
449Kb / 28P
14-Bit, 300 MSPS
REV. B
More results


Similar Description - AD9755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9754 AD-AD9754 Datasheet
327Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.A
AD9764 AD-AD9764 Datasheet
307Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9767 AD-AD9767 Datasheet
469Kb / 27P
14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9753 AD-AD9753 Datasheet
904Kb / 26P
12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV.0
AD9751 AD-AD9751 Datasheet
714Kb / 26P
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV.0
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com