Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753 Datasheet (PDF) - Analog Devices

AD9753 Datasheet PDF - Analog Devices
Part # AD9753
Download  AD9753 Download
File Size   904.64 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 300 MSPS High-Speed TxDACD/A Converter

AD9753 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9753 Datasheet PDF - Analog Devices

Part # AD9753
Download  AD9753 Click to download

File Size   904.64 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 300 MSPS High-Speed TxDACD/A Converter

AD9753 Datasheet (HTML) - Analog Devices


AD9753 Product details

GENERAL DESCRIPTION
The AD9753 is a dual, muxed port, ultrahigh speed, singlechannel, 12-bit CMOS DAC. It integrates a high quality 12-bit TxDAC+ core, a voltage reference, and digital interface circuitry into a small 48-lead LQFP package. The AD9753 offers exceptional ac and dc performance while supporting update rates up to 300 MSPS.

FEATURES
   12-Bit Dual Muxed Port DAC
   300 MSPS Output Update Rate
   Excellent SFDR and IMD Performance
   SFDR to Nyquist @ 25 MHz Output: 69 dB
   Internal Clock Doubling PLL
   Differential or Single-Ended Clock Input
   On-Chip 1.2 V Reference
   Single 3.3 V Supply Operation
   Power Dissipation: 155 mW @ 3.3 V
   48-Lead LQFP

APPLICATIONS
   Communications: LMDS, LMCS, MMDS
   Base Stations
   Digital Synthesis
   QAM and OFDM




Similar Part No. - AD9753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9753 AD-AD9753 Datasheet
77Kb / 1P
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
AD9753-EB AD-AD9753-EB Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753AST AD-AD9753AST Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753ASTRL AD-AD9753ASTRL Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
More results


Similar Description - AD9753

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9742 AD-AD9742 Datasheet
783Kb / 20P
12-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9751 AD-AD9751 Datasheet
714Kb / 26P
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV.0
AD9755 AD-AD9755 Datasheet
532Kb / 28P
14-Bit, 300 MSPS High Speed TxDAC D/A Converter
6/03-Data Sheet changed from REV. A to REV. B.
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com