Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9751 Datasheet (PDF) - Analog Devices

AD9751 Datasheet PDF - Analog Devices
Part # AD9751
Download  AD9751 Download
File Size   714.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 300 MSPS High-Speed TxDAC D/A Converter

AD9751 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9751 Datasheet PDF - Analog Devices

Part # AD9751
Download  AD9751 Click to download

File Size   714.0 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 300 MSPS High-Speed TxDAC D/A Converter

AD9751 Datasheet (HTML) - Analog Devices


AD9751 Product details

PRODUCT DESCRIPTION
The AD9751 is a dual muxed port, ultrahigh speed, singlechannel, 10-bit CMOS DAC. It integrates a high quality 10-bit TxDAC+ core, a voltage reference, and digital interface circuitry into a small 48-lead LQFP package. The AD9751 offers exceptional ac and dc performance while supporting update rates up to 300 MSPS.

FEATURES
    10-Bit Dual Muxed Port DAC
    300 MSPS Output Update Rate
    Excellent SFDR and IMD Performance
    SFDR to Nyquist @ 25 MHz Output: 64 dB
    Internal Clock Doubling PLL
    Differential or Single-Ended Clock Input
    On-Chip 1.2 V Reference
    Single 3.3 V Supply Operation
    Power Dissipation: 155 mW @ 3.3 V
    48-Lead LQFP

APPLICATIONS
    Communications: LMDS, LMCS, MMDS
    Base Stations
    Digital Synthesis
    QAM and OFDM




Similar Part No. - AD9751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9751 AD-AD9751_15 Datasheet
633Kb / 28P
10-Bit, 300 MSPS
REV. C
More results


Similar Description - AD9751

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740 AD-AD9740 Datasheet
743Kb / 20P
10-Bit, 165 MSPS TxDAC D/A Converter
REV.0
AD9750 AD-AD9750 Datasheet
302Kb / 22P
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9753 AD-AD9753 Datasheet
904Kb / 26P
12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV.0
AD9755 AD-AD9755 Datasheet
532Kb / 28P
14-Bit, 300 MSPS High Speed TxDAC D/A Converter
6/03-Data Sheet changed from REV. A to REV. B.
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com