Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8754 Datasheet (PDF) - Analog Devices

ADD8754 Datasheet PDF - Analog Devices
Part # ADD8754
Download  ADD8754 Download
File Size   516.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LCD Panel Power, VCOM, and Gate Modulation

ADD8754 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8754 Datasheet PDF - Analog Devices

Part # ADD8754
Download  ADD8754 Click to download

File Size   516.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LCD Panel Power, VCOM, and Gate Modulation

ADD8754 Datasheet (HTML) - Analog Devices


ADD8754 Product details

GENERAL DESCRIPTION
The ADD8754 is optimized for use in TFT LCD applications, requiring only external charge pump components to provide all the requirements for panel power, VCOM, and gate modulation. Included in a single chip are a high frequency step-up dc-to-dc switching regulator, logic voltage regulator, VCOM amplifier, and gate pulse modulation circuitry.

FEATURES
    Step-up switching regulator with 2 A power switch
        650 kHz or 1.2 MHz switching frequency
        Output adjustable to 20 V
    350 mA logic voltage regulator
        Selectable output voltages: 2.5 V, 2.85 V, 3.3 V
    VCOM amplifier with 300 mA drive
    Gate pulse modulation circuitry
        Independently adjustable delay and falling slope
    General
        3 V to 5.5 V input
        Undervoltage lockout
        Thermal shutdown
        24-lead, Pb-free LFCSP package

APPLICATIONS
    TFT LCD panels for monitors, TVs, and notebooks




Similar Part No. - ADD8754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
LCD Panel Power, V, and Gate Modulation
REV. 0
More results


Similar Description - ADD8754

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
I2C LCD VCOM calibrator
24-Jul-2007
logo
Analog Devices
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
logo
Analog Devices
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
LCD Panel Power, V, and Gate Modulation
REV. 0
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Maxim Integrated Produc...
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Renesas Technology Corp
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com