Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8733 Datasheet (PDF) - Analog Devices

ADD8733 Datasheet PDF - Analog Devices
Part # ADD8733
Download  ADD8733 Download
File Size   250.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated TFT Panel Power Supply with Gate Modulation and VCOM

ADD8733 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8733 Datasheet PDF - Analog Devices

Part # ADD8733
Download  ADD8733 Click to download

File Size   250.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated TFT Panel Power Supply with Gate Modulation and VCOM

ADD8733 Datasheet (HTML) - Analog Devices


ADD8733 Product details

GENERAL DESCRIPTION
The ADD8733 is a 4-channel regulator with two VCOM amplifiers and gate pulse modulation (GPM) that provides all the necessary voltages for thin film transistor (TFT) liquid crystal displays (LCD). Included is a step-up regulator, a stepdown regulator for digital logic, two VCOM amplifiers, two charge-pump regulators for VGH and VGL, and an integrated gate pulse modulator.

FEATURES
   Step-up switching regulator with 3 A switch current limit
      8 V to 16.5 V input voltage range
      Adjustable output voltage up to 20 V
      1.2 A series switch for power sequencing
      Overvoltage protection (OVP)
   Step-down switching regulator with 3 A switch current limit
      8 V to 16.5 V input voltage range
      Adjustable output voltage down to 2.5 V
   Gate pulse modulator circuitry
      Independently adjustable delay and falling slope
   Positive charge-pump regulator for VGH
   Negative charge-pump regulator for VGL
   Two VCOM amplifiers
   General
      Power supply sequencing
      Thermal fault protection
      650 kHz or 1.2 MHz PWM frequency
      Soft start
      Undervoltage lockout (UVLO)
      48-lead RoHS compliant LFCSP

APPLICATIONS
   TFT LCD panels for TVs and monitors




Similar Part No. - ADD8733

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
ADD8701ACP AD-ADD8701ACP Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
ADD8702ACP-R2 AD-ADD8702ACP-R2 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
More results


Similar Description - ADD8733

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
logo
Analog Devices
ADD8754 AD-ADD8754_15 Datasheet
516Kb / 28P
LCD Panel Power, V, and Gate Modulation
REV. 0
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
logo
Renesas Technology Corp
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com