Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957 Datasheet (PDF) - Analog Devices

AD9957 Datasheet PDF - Analog Devices
Part # AD9957
Download  AD9957 Download
File Size   617.21 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC

AD9957 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9957 Datasheet PDF - Analog Devices

Part # AD9957
Download  AD9957 Click to download

File Size   617.21 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC

AD9957 Datasheet (HTML) - Analog Devices


AD9957 Product details

GENERAL DESCRIPTION

The AD9957 functions as a universal I/Q modulator and agile upconverter for communications systems where cost, size, power consumption, and dynamic performance are critical. The AD9957 integrates a high speed, direct digital synthesizer (DDS), a high performance, high speed, 14-bit digital-to-analog converter (DAC), clock multiplier circuitry, digital filters, and other DSP functions onto a single chip. It provides for baseband upconversion for data transmission in a wired or wireless communications system.

The AD9957 is the third offering in a family of quadrature digital upconverters (QDUCs) that includes the AD9857 and AD9856. It offers performance gains in operating speed, power consumption, and spectral performance. Unlike its predecessors, it supports a 16-bit serial input mode for I/Q baseband data. The device can alternatively be programmed to operate either as a single tone, sinusoidal source or as an interpolating DAC.



FEATURES

  1 GSPS internal clock speed (up to 400 MHz analog output)

  Integrated 1 GSPS 14-bit DAC

  250 MHz I/Q data throughput rate

  Phase noise ≤ −125 dBc/Hz (400 MHz carrier @ 1 kHz offset)

  Excellent dynamic performance >80 dB narrow-band SFDR

  8 programmable profiles for shift keying

  SIN(x)/(x) correction (inverse sinc filter)

  Reference clock multiplier

  Internal oscillator for a single crystal operation

  Software and hardware controlled power-down

  Integrated RAM

  Phase modulation capability

  Multichip synchronization

  Easy interface to Blackfin SPORT

  Interpolation factors from 4× to 252×

  Interpolation DAC mode

  Gain control DAC

  Internal divider allows references up to 2 GHz

  1.8 V and 3.3 V power supplies

  100-lead TQFP_EP package



APPLICATIONS

  HFC data, telephony, and video modems

  Wireless base station transmission

  Broadband communications transmissions

  Internet telephony



 




Similar Part No. - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9957 AD-AD9957 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9957 AD-AD9957 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
More results


Similar Description - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857 AD-AD9857 Datasheet
551Kb / 31P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV.0
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com