Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957 Datasheet (PDF) - Analog Devices

AD9957 Datasheet PDF - Analog Devices
Part # AD9957
Download  AD9957 Download
File Size   1406.23 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Quadrature Digital Upconverter

AD9957 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9957 Datasheet PDF - Analog Devices

Part # AD9957
Download  AD9957 Click to download

File Size   1406.23 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 GSPS Quadrature Digital Upconverter

AD9957 Datasheet (HTML) - Analog Devices


AD9957 Product details

FEATURES
1 GSPS internal clock speed (up to 400 MHz analog output)
Integrated 1 GSPS 14-bit DAC
250 MSPS input data rate
Phase noise ≤ −125 dBc/Hz (400 MHz carrier @ 1 kHz offset)
Excellent dynamic performance >80 dB narrow-band SFDR
8 programmable profiles for shift keying
Sin(x)/(x) correction (inverse sinc filter)
Reference clock multiplier
Internal oscillator for a single crystal operation
Software and hardware controlled power-down
Integrated RAM
Phase modulation capability
Multichip synchronization
Easy interface to Blackfin SPORT
Interpolation factors from 4× to 252×
Interpolation DAC mode
Gain control DAC
Internal divider allows references up to 2 GHz
1.8 V and 3.3 V power supplies
100-lead TQFP_EP package




Similar Part No. - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9957 AD-AD9957 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results


Similar Description - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
429Kb / 32P
CMOS 200 MHz Quadrature Digital Upconverter
REV.B
AD9857 AD-AD9857 Datasheet
551Kb / 31P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV.0
AD9957 AD-AD9957 Datasheet
617Kb / 38P
1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com