Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGL06X1 Datasheet (PDF) - Renesas Technology Corp

9FGL06X1 Datasheet PDF - Renesas Technology Corp
Part # 9FGL06X1
Download  9FGL06X1 Download
File Size   1359.98 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PCIe Gen1–5 Clock Generator Family

9FGL06X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGL06X1 Datasheet PDF - Renesas Technology Corp

Part # 9FGL06X1
Download  9FGL06X1 Click to download

File Size   1359.98 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V PCIe Gen1–5 Clock Generator Family

9FGL06X1 Datasheet (HTML) - Renesas Technology Corp


9FGL06X1 Product details

Features
▪ Integrated terminations for 100Ω and 85Ω systems save 4
resistors per output
▪ 112–206 mW typical power consumption (at 3.3V)
▪ VDDIO rail allows 35% power savings at optional 1.05V
(9FGL06 and 9FGL08 only)
▪ Devices contain default configuration; SMBus not required
▪ SMBus-selectable features allows optimization to customer
requirements:
• Input polarity and pull-up/pull-downs
• Output slew rate and amplitude
• Output impedance (33Ω, 85Ω or 100Ω) for each output
▪ Contact factory for customized default configurations
▪ 25MHz input frequency
▪ OE# pins support PCIe CLKREQ# function
▪ Pin-selectable SRnS 0%, CC 0% and CC/SRIS -0.5% spread
▪ SMBus-selectable CC/SRIS -0.25% spread
▪ Clean switching between the CC/SRIS spread settings
▪ DIF outputs blocked until PLL is locked; clean system start-up
▪ Two selectable SMBus addresses
▪ Space saving packages:
• 4 × 4 mm 24-VFQFPN (9FGL02x1)
• 5 × 5 mm 32-VFQFPN (9FGL04x1)
• 5 × 5 mm 40-VFQFPN (9FGL06x1)
• 6 × 6 mm 48-VFQFPN (9FGL08x1)




Similar Part No. - 9FGL06X1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL06 IDT-9FGL06 Datasheet
325Kb / 19P
control input polarity
9FGL06 IDT-9FGL06 Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL0641BKILF IDT-9FGL0641BKILF Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL0641BKILFT IDT-9FGL0641BKILFT Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGL0641DKILF RENESAS-9FGL0641DKILF Datasheet
1Mb / 37P
3.3V PCIe Gen1-6 Clock Generator Family
Dec 13, 2024
More results


Similar Description - 9FGL06X1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
4-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9SQL4952 RENESAS-9SQL4952 Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com