Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet (PDF) - NXP Semiconductors

M68HC08 Datasheet PDF - NXP Semiconductors
Part # M68HC08
Download  M68HC08 Download
File Size   2452.57 Kbytes
Page   246 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC08 Microcontrollers

M68HC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC08 Datasheet PDF - NXP Semiconductors

Part # M68HC08
Download  M68HC08 Click to download

File Size   2452.57 Kbytes
Page   246 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description M68HC08 Microcontrollers

M68HC08 Datasheet (HTML) - NXP Semiconductors


M68HC08 Product details

Features
Features of the MC68HC08LN56/708LN56 include:
• High-Performance M68HC08 Architecture
• Fully Upward-Compatible Object Code with M6805, M146805, and M68HC05 Families
• 8-MHz Internal Bus Frequency at 5.0 V/4 MHz Internal Bus Frequency at 3.0 V
• 56 Kbytes of EPROM/OTPROM
• On-Chip Monitor ROM Firmware for Use with Host Personal Computer
• 1280 Bytes of On-Chip RAM
• LCD Controller and Drivers (40 × 32)
– On-Chip Voltage Generator
– Contrast Control
– 1/32 Multiplex Dynamic Display
– Total of 2 Lines × 16 Characters (5 × 8 Characters)
– 160-Byte, Fully Bit Mapped LCD RAM
• 4-Channel 8-Bit Successive Approximation A/D Converter
• Dual Serial Peripheral Interface (SPI) Modules
• Serial Communications Interface (SCI) Module
• 16-Bit, 4-Channel Timer Interface Module (TIM)
– Each Channel Selectable as Input Capture, Output Compare, or PWM
• System Protection Features
– Optional Computer Operating Properly (COP) Reset
– Low-Voltage Inhibit
– Illegal Opcode Detection
– Illegal Address Detection
• Clock Generator Module (CGMB)
• Time Base Module Periodic Interrupt
– 1, 4, 16, or 256 Hz with 32.768-kHz Crystal
• 144-Pin Plastic Quad Flat Pack (QFP)
• Low-Power Design (Fully Static with Stop and Wait Modes)
• Master Reset Pin and Power-On Reset
• 42 General-Purpose I/O pins, Including
– 19 Shared Function I/O Pins
– 8-Bit Keyboard Wakeup Port
Features of the CPU08 include:
• Enhanced HC05 Programming Model
• Extensive Loop Control Functions
• 16 Addressing Modes (Eight More Than the HC05)
• 16-Bit Index Register and Stack Pointer
• Memory-to-Memory Data Transfers
• Fast 8 × 8 Multiply Instruction
• Fast 16/8 Divide Instruction
• Binary-Coded Decimal (BCD) Instructions
• Optimization for Controller Applications
• Third Party C Language Support




Similar Part No. - M68HC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 408P
Microcontrollers
logo
Freescale Semiconductor...
M68HC08 FREESCALE-M68HC08 Datasheet
778Kb / 124P
Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 288P
Microcontrollers
More results


Similar Description - M68HC08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908AZ32A FREESCALE-MC68HC908AZ32A Datasheet
3Mb / 324P
M68HC08 Microcontrollers
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
M68HC08 Microcontrollers
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
M68HC08 Microcontrollers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com