Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC5X Datasheet (PDF) - Exxelia Group

CEC5X Datasheet PDF - Exxelia Group
Part # CEC5X
Download  CEC5X Download
File Size   2210.35 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Capacitance Stacked Capacitors

CEC5X Datasheet (PDF)

Go To PDF Page Download Datasheet
CEC5X Datasheet PDF - Exxelia Group

Part # CEC5X
Download  CEC5X Click to download

File Size   2210.35 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Capacitance Stacked Capacitors

CEC5X Datasheet (HTML) - Exxelia Group


CEC5X Product details

FEATURES
• Multilayer chips ceramic capacitors
• NPO dielectric
• Capacitance range: 10nF to 6.8 μF
• Voltage range: 63 VDC to 500 VDC




Similar Part No. - CEC5X

ManufacturerPart #DatasheetDescription
logo
Clarke International
CEC500DS CLARKE-CEC500DS Datasheet
2Mb / 8P
ENGINE SUPPORT
GC0813
More results


Similar Description - CEC5X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
logo
Exxelia Group
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
CSSERIES EXXELIA-CSSERIES Datasheet
811Kb / 18P
High Voltage Stacked Capacitors
Page revised 02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com