Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNC3X Datasheet (PDF) - Exxelia Group

CNC3X Datasheet PDF - Exxelia Group
Part # CNC3X
Download  CNC3X Download
File Size   2179.15 Kbytes
Page   17 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Capacitance Stacked Capacitors

CNC3X Datasheet (PDF)

Go To PDF Page Download Datasheet
CNC3X Datasheet PDF - Exxelia Group

Part # CNC3X
Download  CNC3X Click to download

File Size   2179.15 Kbytes
Page   17 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Capacitance Stacked Capacitors

CNC3X Datasheet (HTML) - Exxelia Group


CNC3X Product details

FEATURES
• Multilayer chips ceramic capacitors stacked
• X7R dielectric (NPO available on request)
• Capacitance range: 1.2μF to 68μF
• Voltage range: 16 VDC to 25 VDC
• Their low operating voltage give them a major advantage
as they have much higher capacitance values in the
same format. These components are ideally suited to
advanced digital electronic applications requiring ever
lower operating voltages




Similar Part No. - CNC3X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
Thick Film Chip Resistor Arrays
More results


Similar Description - CNC3X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
logo
Exxelia Group
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
High Capacitance Stacked Capacitors
02/21
CSSERIES EXXELIA-CSSERIES Datasheet
811Kb / 18P
High Voltage Stacked Capacitors
Page revised 02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com