Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSERIES Datasheet (PDF) - Exxelia Group

CSSERIES Datasheet PDF - Exxelia Group
Part # CSSERIES
Download  CSSERIES Download
File Size   811.3 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Stacked Capacitors

CSSERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
CSSERIES Datasheet PDF - Exxelia Group

Part # CSSERIES
Download  CSSERIES Click to download

File Size   811.3 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Stacked Capacitors

CSSERIES Datasheet (HTML) - Exxelia Group


CSSERIES Product details

FEATURES
• Multilayer chip ceramic capacitors stacked
• NPO, C4xx and X7R dielectrics
• Capacitance range: 220pf to 15 μF
• Voltage range: 1,000 VDC to 10,000 VDC




Similar Part No. - CSSERIES

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSSERIES TDK-CSSERIES Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
List of Unclassifed Man...
CSSERIES ETC2-CSSERIES Datasheet
1Mb / 1P
SMD LVPECL SO 5.0X3.2X1.2MM CS SERIES
More results


Similar Description - CSSERIES

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
180PF SEMTECH-180PF Datasheet
118Kb / 5P
High Voltage Capacitors
logo
Superworld Electronics
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
logo
HolyStone International
SMC HOLYSTONECAPS-SMC Datasheet
237Kb / 3P
Stacked MLCC Capacitors
logo
List of Unclassifed Man...
MCCA000634 ETC1-MCCA000634 Datasheet
392Kb / 12P
High Voltage Capacitors
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
High Voltage Capacitors
logo
Exxelia Group
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
High Capacitance Stacked Capacitors
02/21
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com