Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSERIES Datasheet(PDF) 3 Page - Exxelia Group

Part # CSSERIES
Description  High Voltage Stacked Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSSERIES Datasheet(HTML) 3 Page - Exxelia Group

  CSSERIES Datasheet HTML 1Page - Exxelia Group CSSERIES Datasheet HTML 2Page - Exxelia Group CSSERIES Datasheet HTML 3Page - Exxelia Group CSSERIES Datasheet HTML 4Page - Exxelia Group CSSERIES Datasheet HTML 5Page - Exxelia Group CSSERIES Datasheet HTML 6Page - Exxelia Group CSSERIES Datasheet HTML 7Page - Exxelia Group CSSERIES Datasheet HTML 8Page - Exxelia Group CSSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CERAMIC CAPACITORS
72
www.exxelia.com
Taping : dimensions
Page revised 02/21
STANDARD RATINGS
Size
5440
5550
6560
11283
16080
Exxelia
size code
84
89
85
87
88
L
0.539 ± 0.039
(13.7 ± 1)
0.551 ± 0.039
(14 ± 1)
0.650 ± 0.039
(16.5 ± 1)
1.122 ± 0.039
(28.5 ± 1)
1.555 ± 0.039
(39.5 ± 1)
W
0.400 ± 0.039
(10.16 ± 1)
0.500 ± 0.039
(12.7 ± 1)
0.598 ± 0.039
(15.2 ± 1)
0.827 ± 0.039
(21 ± 1)
0.756 ± 0.039
(19.2 ± 1)
d
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
b
0.315 ± 0.020
(8 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
0.591 ± 0.020
(15 ± 0.5)
R min.
0.393
(10)
0.393
(10)
0.511
(13)
0.984
(25)
1.377
(35)
C max.
0.611
(15.5)
0.63
(16)
0.729
(18.5)
1.26
(32)
1.654
(42)
X
0.552 ± 0.020
(14 ± 0.5)
0.563 ± 0.020
(14.3 ± 0.5)
0.7 ± 0.020
(17.78 ± 0.5)
1.15 ± 0.020
(29.21 ± 0.5)
1.6 ± 0.020
(40.64 ± 0.5)
Leads per side
4
5
6
6
6
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
T max.
inches (mm)
Nb. of
chips
Exxelia ceramic code
142142142142142
Min Capacitance value
3.9nF
6.8nF
22nF
4.7nF
12nF
27nF
6.8nF
18nF
39nF
2.2nF
39nF
15nF
3.3nF
47nF
27nF
1kV
100nF
270nF
820nF
120nF
390nF
1
µF
220nF
560nF
1.8
µF
470nF
1.5
µF
3.9
µF
560nF
1.8
µF
5.6
µF
0.394
(10)
2
150nF
390nF
1.2
µF
180nF
560nF
1.5
µF
330nF
820nF
2.7
µF
680nF
2.2
µF
5.6
µF
820nF
2.2
µF
8.2
µF
0.591
(15)
3
220nF
560nF
1.8
µF
270nF
820nF
2.2
µF
470nF
1.2
µF
3.3
µF1µF
3.3
µF
6.8
µF
1.2
µF
3.9
µF
10
µF
0.788
(20)
4
-
-
-
330nF
1
µF
2.7
µF
560nF
1.5
µF
3.9
µF
1.2
µF
3.9
µF
10
µF
1.5
µF
4.7
µF
15
µF
0.985
(25)
5
1.5kV
47nF
120nF
390nF
68nF
180nF
470nF
100nF
270nF
680nF
270nF
680nF
1.5
µF
330nF
820nF
2.2
µF
0.394
(10)
2
68nF
180nF
560nF
100nF
270nF
680nF
150nF
390nF
1
µF
390nF
1
µF
2.2
µF
470nF
1.2
µF
3.3
µF
0.591
(15)
3
100nF
270nF
820nF
150nF
390nF
1
µF
220nF
560nF
1.5
µF
560nF
1.5
µF
2.7
µF
680nF
1.8
µF
4.7
µF
0.788
(20)
4
-
-
-
180nF
470nF
1.2
µF
270nF
680nF
1.8
µF
680nF
1.8
µF
3.9
µF
820nF
2.2
µF
5.6
µF
0.985
(25)
5
2kV
27nF
68nF
220nF
33nF
100nF
270nF
47nF
150nF
390nF
82nF
390nF
1
µF
120nF
470nF
1.2
µF
0.394
(10)
2
39nF
100nF
330nF
47nF
150nF
390nF
68nF
220nF
560nF
120nF
560nF
1.5
µF
180nF
680nF
1.8
µF
0.591
(15)
3
56nF
150nF
470nF
68nF
220nF
560nF
100nF
270nF
820nF
180nF
820nF
1.8
µF
270nF
1
µF
2.7
µF
0.788
(20)
4
-
-
-
82nF
270nF
680nF
120nF
390nF
1
µF
220nF
1
µF
2.7
µF
330nF
1.2
µF
3.3
µF
0.985
(25)
5
3kV
15nF
27nF
100nF
22nF
47nF
120nF
27nF
68nF
180nF
56nF
180nF
390nF
82nF
220nF
560nF
0.394
(10)
2
22nF
39nF
150nF
33nF
68nF
180nF
39nF
100nF
270nF
82nF
270nF
680nF
120nF
330nF
820nF
0.591
(15)
3
27nF
56nF
220nF
47nF
100nF
270nF
56nF
150nF
390nF
120nF
390nF
820nF
180nF
470nF
1.2
µF
0.788
(20)
4
-
-
-
56nF
120nF
330nF
68nF
180nF
470nF
150nF
470nF
1.2
µF
220nF
560nF
1.5
µF
0.985
(25)
5
4kV
8.2nF
15nF
56nF
10nF
33nF
82nF
18nF
39nF
120nF
33nF
82nF
220nF
47nF
120nF
330nF
0.394
(10)
2
12nF
22nF
82nF
15nF
47nF
120nF
27nF
56nF
180nF
47nF
120nF
330nF
68nF
180nF
470nF
0.591
(15)
3
18nF
27nF
120nF
22nF
68nF
180nF
39nF
82nF
270nF
68nF
180nF
470nF
100nF
270nF
680nF
0.788
(20)
4
-
-
-
27nF
82nF
220nF
47nF
100nF
330nF
82nF
220nF
560nF
120nF
330nF
820nF
0.985
(25)
5
5kV
5.6nF
8.2nF
39nF
6.8nF
18nF
47nF
12nF
22nF
68nF
22nF
56nF
150nF
33nF
68nF
180nF
0.394
(10)
2
8.2nF
12nF
56nF
10nF
27nF
68nF
18nF
33nF
100nF
33nF
82nF
180nF
47nF
100nF
270nF
0.591
(15)
3
12nF
18nF
82nF
15nF
39nF
100nF
27nF
47nF
150nF
47nF
120nF
270nF
68nF
150nF
390nF
0.788
(20)
4
-
-
-
18nF
47nF
120nF
33nF
56nF
180nF
56nF
150nF
330nF
82nF
180nF
470nF
0.985
(25)
5
7.5kV
1nF
-
12nF
1.5nF
-
15nF
2.2nF
-
22nF
5.6nF
-
56nF
8.2nF
-
82nF
0.394
(10)
2
1.5nF
-
18nF
2.2nF
-
22nF
3.3nF
-
33nF
8.2nF
-
82nF
12nF
-
120nF
0.591
(15)
3
2.2nF
-
27nF
2.7nF
-
27nF
4.7nF
-
47nF
12nF
-
120nF
18nF
-
180nF
0.788
(20)
4
-
-
-
3.9nF
-
39nF
5.6nF
-
56nF
15nF
-
150nF
22nF
-
220nF
0.985
(25)
5
10kV
680pF
-
5.6nF
1nF
-
6.8nF
1.5nF
-
12nF
3.9nF
-
27nF
5.6nF
-
39nF
0.394
(10)
2
1nF
-
8.2nF
1.5nF
-
10nF
2.2nF
-
18nF
5.6nF
-
39nF
8.2nF
-
56nF
0.591
(15)
3
1.5nF
-
12nF
2.2nF
-
15nF
2.7nF
-
27nF
8.2nF
-
56nF
12nF
-
82nF
0.788
(20)
4
-
-
-
2.7nF
-
18nF
3.9nF
-
33nF
10nF
-
68nF
15nF
-
100nF
0.985
(25)
5
The high voltage parts may require varnish or encapsulation to prevent surface arcing.
Available capacitance values:
NPO, C4xx dielectrics: E6, E12, E24 (see page 14). Specific values upon request.
X7R dielectric: E6, E12 in standard (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
CS Series
High Voltage Stacked Capacitors
Due to flashover risks, please consult us for these capacitance values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com