Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSERIES Datasheet(PDF) 2 Page - Exxelia Group

Part # CSSERIES
Description  High Voltage Stacked Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSSERIES Datasheet(HTML) 2 Page - Exxelia Group

  CSSERIES Datasheet HTML 1Page - Exxelia Group CSSERIES Datasheet HTML 2Page - Exxelia Group CSSERIES Datasheet HTML 3Page - Exxelia Group CSSERIES Datasheet HTML 4Page - Exxelia Group CSSERIES Datasheet HTML 5Page - Exxelia Group CSSERIES Datasheet HTML 6Page - Exxelia Group CSSERIES Datasheet HTML 7Page - Exxelia Group CSSERIES Datasheet HTML 8Page - Exxelia Group CSSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CERAMIC CAPACITORS
71
www.exxelia.com
General characteristics
Page revised 02/21
High Voltage Stacked Capacitors
CS Series
STANDARD RATINGS
Size
2220
2825
3333
4040
Exxelia
size code
80
81
82
83
L
0.224 ± 0.020
(5.7 ± 0.5)
0.276 ± 0.020
(7 ± 0.5)
0.331 ± 0.020
(8.4 ± 0.5)
0.400 ± 0.039
(10.16 ±1)
W
0.197 ± 0.020
(5.0 ± 0.5)
0.250 ± 0.020
(6.35 ± 0.5)
0.331 ± 0.020
(8.4 ± 0.5)
0.400 ± 0.039
(10.16 ± 1)
d
0.087 ± 0.008
(2.2 ± 0.2)
0.087 ± 0.008
(2.2 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
0.138 ± 0.008
(3.5 ± 0.2)
b
0.197 ± 0.020
(5 ± 0.5)
0.197 ± 0.020
(5 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
0.315 ± 0.020
(8 ± 0.5)
R min.
0.098
(2.5)
0.137
(3.5)
0.177
(4.5)
0.275
(7)
C max.
0.276
(7)
0.315
(8)
0.355
(9)
0.473
(12)
X
0.248 ± 0.020
(6.3 ± 0.5)
0.300 ± 0.020
(7.62 ± 0.5)
0.350 ± 0.020
(8.9 ± 0.5)
0.45 ± 0.020
(11.43 ± 0.5)
Leads per side
2
2
3
4
Dielectric
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
NPO
C4xx
X7R
T max.
inches (mm)
Nb. of
chips
Exxelia ceramic code
142142142142
Min. Capacitance value
1nF
3.9nF
12nF
1nF
3.3nF
12nF
1.8nF
5.6nF
22nF
220pF
10nF
27nF
1kV
12nF
39nF
100nF
18nF
56nF
180nF
39nF
100nF
270nF
68nF
220nF
560nF
0.394
(10)
2
18nF
68nF
150nF
27nF
82nF
270nF
56nF
150nF
390nF
100nF
330nF
1
µF
0.591
(15)
3
------------
0.788
(20)
4
------------
0.985
(25)
5
1.5kV
5.6nF
18nF
39nF
8.2nF
27nF
68nF
22nF
56nF
120nF
39nF
100nF
270nF
0.394
(10)
2
8.2nF
27nF
56nF
12nF
39nF
100nF
33nF
68nF
180nF
56nF
150nF
390nF
0.591
(15)
3
------------
0.788
(20)
4
------------
0.985
(25)
5
2kV
3.3nF
10nF
22nF
4.7nF
18nF
39nF
8.2nF
27nF
68nF
18nF
56nF
150nF
0.394
(10)
2
4.7nF
15nF
33nF
6.8nF
27nF
68nF
12nF
39nF
120nF
27nF
82nF
220nF
0.591
(15)
3
------------
0.788
(20)
4
---
---------
0.985
(25)
5
3kV
2.2nF
4.7nF
12nF
2.7nF
6.8nF
18nF
4.7nF
12nF
33nF
10nF
27nF
68nF
0.394
(10)
2
3.3nF
6.8nF
18nF
3.9nF
10nF
27nF
6.8nF
22nF
47nF
15nF
39nF
100nF
0.591
(15)
3
------------
0.788
(20)
4
---
------
-
-
-
0.985
(25)
5
4kV
1nF
2.7nF
5.6nF
1.8nF
3.3nF
12nF
3.3nF
6.8nF
22nF
5.6nF
15nF
39nF
0.394
(10)
2
1.5nF
3.9nF
8.2nF
2.7nF
4.7nF
18nF
4.7nF
10nF
33nF
8.2nF
22nF
56nF
0.591
(15)
3
------------
0.788
(20)
4
---------
---
0.985
(25)
5
5kV
560pF
1.5nF
3.9nF
1.2nF
2.2nF
8.2nF
2.2nF
3.9nF
12nF
3.9nF
8.2nF
27nF
0.394
(10)
2
820pF
2.7nF
5.6nF
1.8nF
3.3nF
12nF
3.3nF
5.6nF
18nF
5.6nF
12nF
39nF
0.591
(15)
3
------------
0.788
(20)
4
------------
0.985
(25)
5
7.5kV
-
-
-
-
-
-
-
-
-
820pF
-
8.2nF
0.394
(10)
2
-
-
-
-
-
-
-
-
-
1.2nF
-
12nF
0.591
(15)
3
------------
0.788
(20)
4
------------
0.985
(25)
5
10kV
-
-
-
-
-
-
-
-
-
560pF
-
4.7nF
0.394
(10)
2
-
-
-
-
-
-
-
-
-
820pF
-
6.8nF
0.591
(15)
3
------------
0.788
(20)
4
------------
0.985
(25)
5
L
W
b
d
L
R
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
C
0.098±0.02
(2.5±0.5)
L
W
0.1
(2.54)
0.02
0.012 max.
(0.3 max.)
X
L
0.098±0.02
(2.5±0.5)
W
0.1
(2.54)
0.02
(0.5)
0.012 max.
(0.3 max.)
L
C
R
W
0.1
(2.54)
0.02
(0.5)
(0.5)
L Model
P Model
PL Model
R Model
N Model
DIMENSIONS in inches (mm)
Due to flashover risks, please consult us for these capacitance values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com