Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSERIES Datasheet(PDF) 1 Page - Exxelia Group

Part # CSSERIES
Description  High Voltage Stacked Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CSSERIES Datasheet(HTML) 1 Page - Exxelia Group

  CSSERIES Datasheet HTML 1Page - Exxelia Group CSSERIES Datasheet HTML 2Page - Exxelia Group CSSERIES Datasheet HTML 3Page - Exxelia Group CSSERIES Datasheet HTML 4Page - Exxelia Group CSSERIES Datasheet HTML 5Page - Exxelia Group CSSERIES Datasheet HTML 6Page - Exxelia Group CSSERIES Datasheet HTML 7Page - Exxelia Group CSSERIES Datasheet HTML 8Page - Exxelia Group CSSERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
70
www.exxelia.com
Taping : dimensions
Page revised 02/21
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
C4XX
X7R
Dielectriccode
1
4
2
Maximum ∆C/°C
over temperature range without
voltage
NA
NA
±15%
Temperature coefficient
(0±30) ppm/°C
(–2,200±500) ppm/°C
NA
Aging
None
None
≤ 2.5% per decade hour
Operating temperature
–55°C to +125°C
Rated voltage (URC)
1,000 VDC to
10,000 VDC
1,000 VDC to
5,000 VDC
1,000 VDC to
10,000 VDC
Dielectric
withstanding voltage
1.3 URC
1.2 URC
1.2 URC
Capacitance
at 1MHz for C ≤ 1,000pf
at 1kHz for C > 1,000pf
at 1kHz
at 1kHz
Dissipation factor
≤ 0.15% at 1MHz
for C ≤ 1,000pf
≤ 0.10% at 1kHz
≤ 2.5% at 1kHz
≤ 0.15% at 1kHz
for C > 1,000pf
Insulation resistance at 25°C
under URC for URC ≤ 500 V
under 500 VDC for URC > 500 V
≥ 100,000 MΩ for C ≤ 10nf
≥ 1,000 MΩ.
µF for C > 10nf
≥ 20,000 MΩ for C ≤ 25nf
≥ 500 MΩ.
µF for C > 25nf
FEATURES
• Multilayer chip ceramic capacitors stacked
• NPO, C4xx and X7R dielectrics
• Capacitance range: 220pf to 15
µF
• Voltage range: 1,000 VDC to 10,000 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
• P, PL, L models: DIL leaded uncoated stacked chip
capacitors for surface mounting recommended to elimi-
nate thermomechanical stresses.
• N, NU models: DIL leaded stacked chip capacitors for
through-hole circuits (N: varnished chips, NU: uncoated
chips).
• R, RU models: Ribbon leaded stacked chip capacitors for
surface mounting (R: varnished chips, RU: uncoated
chips) recommended to eliminate thermomechanical
stresses.
RECOMMENDED FOOTPRINT
See general information on high voltage capacitors (see
page 50).
MARKING
Series, capacitance value, tolerance, rated voltage, date
code.
HOW TO ORDER
CS
2
84
P
W
F
120nF
20%
2,000 V
-
Series
Dielectric
code
Exxelia
size code
Leads style
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
Reliability level
CS = High
voltage
stacked
capacitor
1 = NPO
2 = X7R
4 = C4xx
80
81
82
83
84
89
85
87
88
P
PL
L
R
RU
N
NU
- = No RoHS
W = RoHS
compliant
- = standard quality level
F = Hi-Rel quality:
screening
in accordance with
Exxelia specification
Capacitance
value in clear
NPO dielectric:
±1%
±2%
±5%
±10%
±20%
C4xx dielectric:
±2%
±5%
±10%
±20%
X7R dielectric:
±10%
±20%
1,000 V
1,500 V
2,000 V
3,000 V
4,000 V
5,000 V
7,500 V
10,000 V
Intermediary,
lower and
higher voltages
available: con-
tact your sales
representative.
For F parts only.
Acc. to Exxelia spec.
-
T5
T6
See page 15
CS Series
High Voltage Stacked Capacitors


Similar Part No. - CSSERIES

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CSSERIES TDK-CSSERIES Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
List of Unclassifed Man...
CSSERIES ETC2-CSSERIES Datasheet
1Mb / 1P
SMD LVPECL SO 5.0X3.2X1.2MM CS SERIES
More results

Similar Description - CSSERIES

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
180PF SEMTECH-180PF Datasheet
118Kb / 5P
High Voltage Capacitors
logo
Superworld Electronics
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
logo
HolyStone International
SMC HOLYSTONECAPS-SMC Datasheet
237Kb / 3P
Stacked MLCC Capacitors
logo
List of Unclassifed Man...
MCCA000634 ETC1-MCCA000634 Datasheet
392Kb / 12P
High Voltage Capacitors
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
High Voltage Capacitors
logo
Exxelia Group
CEC5X EXXELIA-CEC5X Datasheet
2Mb / 18P
High Capacitance Stacked Capacitors
02/21
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com