Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2023 Datasheet (PDF) - Maxim Integrated Products

MAX2023 Datasheet PDF - Maxim Integrated Products
Part # MAX2023
Download  MAX2023 Download
File Size   789.94 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer

MAX2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2023 Datasheet PDF - Maxim Integrated Products

Part # MAX2023
Download  MAX2023 Click to download

File Size   789.94 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer

MAX2023 Datasheet (HTML) - Maxim Integrated Products


MAX2023 Product details

General Description
The MAX2059 high-linearity digital-variable-gain amplifier (DVGA) is designed to provide 56dB of total gain range and typical output IP3 and output P1dB levels of +31.8dBm and +18.4dBm, respectively. The device is ideal for a variety of applications, including single and multicarrier 1700MHz to 2200MHz DCS 1800/PCS 1900 EDGE, cdma2000®, WCDMA/UMTS, and TD-SCDMA base stations. The MAX2059 yields a high level of component integration, which includes two 5-bit digital attenuators, a two-stage driver amplifier, a loopback mixer, and a serial interface to control the attenuators.
The MAX2059 is pin compatible with the MAX2058 700MHz to 1200MHz DVGA, facilitating an easy design-in for applications where a common PC board layout is used for both frequency bands.
The MAX2059 is available in a 40-pin thin QFN package with an exposed paddle. Electrical performance is guaranteed over a -40°C to +85°C temperature range.

Features
♦ +31.8dBm Typical Output IP3
♦ +18.4dBm Typical Output 1dB Compression Point
♦ 1700MHz to 2200MHz RF Frequency Range
♦ 700MHz to 1200MHz RF Frequency Range (MAX2058)
♦ 10.9dB Typical Small-Signal Gain
♦ Includes Two Independent 5-Bit Digital Attenuator
   Stages, Yielding 56dB of Total Gain-Control Range with 1dB Steps
♦ 3-Wire SPI™/MICROWIRE™ Compatible
♦ Integrated Loopback Mixer for Tx/Rx Self Diagnostics
♦ +5V Single-Supply Operation
♦ External Current-Setting Resistors for Scalable Device Power
♦ Lead-Free Package Available

Applications
   DCS 1800/PCS 1900 EDGE Base-Station Transmitters and Power Amplifiers
   cdmaOne™ and cdma2000 Base-Station Transmitters and Power Amplifiers
   WCDMA, TD-SCDMA, and Other 3G Base-Station Transmitters and Power Amplifiers
   Transmitter Gain Control
   Receiver Gain Control
   Broadband Systems
   Automatic Test Equipment
   Digital and Spread-Spectrum Communication Systems
   Microwave Terrestrial Links




Similar Part No. - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
809Kb / 15P
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2023 MAXIM-MAX2023 Datasheet
232Kb / 8P
Evaluation Kit
Rev 0; 2/07
MAX2023 MAXIM-MAX2023 Datasheet
476Kb / 18P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023ETX MAXIM-MAX2023ETX Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
More results


Similar Description - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2058 MAXIM-MAX2058 Datasheet
809Kb / 15P
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com