Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2023 Datasheet (PDF) - Maxim Integrated Products

MAX2023 Datasheet PDF - Maxim Integrated Products
Part # MAX2023
Download  MAX2023 Download
File Size   476.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod

MAX2023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2023 Datasheet PDF - Maxim Integrated Products

Part # MAX2023
Download  MAX2023 Click to download

File Size   476.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod

MAX2023 Datasheet (HTML) - Maxim Integrated Products


MAX2023 Product details

General Description
The MAX2023 low-noise, high-linearity, direct upconversion/downconversion quadrature modulator/demodulator is designed for single and multicarrier 1500MHz to 2500MHz DCS 1800/PCS 1900 EDGE, cdma2000®, WCDMA/LTE/TD-LTE, and PHS/PAS base-station applications.

Features
♦ 1500MHz to 2500MHz RF Frequency Range
♦ Scalable Power: External Current-Setting
   Resistors Provide Option for Operating Device in
   Reduced-Power/Reduced-Performance Mode
♦ 36-Pin, 6mm x 6mm TQFN Provides High Isolation
   in a Small Package
   Modulator Operation:
♦ Meets GSM Spurious Emission of -75dBc at
   600kHz Offset at POUT = +6dBm
♦ +23.5dBm Typical OIP3
♦ +61dBm Typical OIP2
♦ +16dBm Typical OP1dB
♦ -54dBm Typical LO Leakage
♦ 48dBc Typical Sideband Suppression
♦ -165dBc/Hz Output Noise Density
♦ Broadband Baseband Input of 450MHz Allows a
   Direct Launch DAC Interface, Eliminating the
   Need for Costly I/Q Buffer Amplifiers
♦ DC-Coupled Input Allows Ability for Offset
   Voltage Control
   Demodulator Operation:
♦ +38dBm Typical IIP3
♦ +59dBm Typical IIP2
♦ +30dBm Typical IP1dB
♦ 9.5dB Typical Conversion Loss
♦ 9.6dB Typical NF
♦ 0.025dB Typical I/Q Gain Imbalance
♦ 0.56° I/Q Typical Phase Imbalance

Applications
   Single-Carrier DCS 1800/PCS 1900 EDGE Base Stations
   Single and Multicarrier WCDMA/LTE/TD-LTE Base Stations
   Single and Multicarrier cdmaOne™ and cdma2000 Base Stations
   Predistortion Transmitters and Receivers
   PHS/PAS Base Stations
   Fixed Broadband Wireless Access
   Military Systems
   Microwave Links
   Digital and Spread-Spectrum Communication Systems
   Video-on-Demand (VOD) and DOCSIS Compliant Edge QAM Modulation
   Cable Modem Termination Systems (CMTS)




Similar Part No. - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
809Kb / 15P
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2023 MAXIM-MAX2023 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
232Kb / 8P
Evaluation Kit
Rev 0; 2/07
MAX2023ETX MAXIM-MAX2023ETX Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
More results


Similar Description - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
logo
Linear Technology
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com