Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LRS3187 Datasheet (PDF) - Renesas Technology Corp

9LRS3187 Datasheet PDF - Renesas Technology Corp
Part # 9LRS3187
Download  9LRS3187 Download
File Size   345.74 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS

9LRS3187 Datasheet (PDF)

Go To PDF Page Download Datasheet
9LRS3187 Datasheet PDF - Renesas Technology Corp

Part # 9LRS3187
Download  9LRS3187 Click to download

File Size   345.74 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS

9LRS3187 Datasheet (HTML) - Renesas Technology Corp


9LRS3187 Product details

Recommended Application:
CK505 version 1.1 clock, with fully integrated voltage regulators
and series resistors
Output Features:
• 2 - CPU differential low power push-pull pairs
• 1 - SRC differential low power push-pull pair
• 1 - SATA differential low power push-pull pair
• 1 - DOT differential low power push-pull pair
• 1 - REF, able to drive 3 loads, 14.318MHz
• 1 - 27MHz_SS/non_SS single-ended output pair
Features/Benefits:
• Supports spread spectrum modulation, 0 to -0.5%
down spread for CPU and SRC clocks
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Available in commercial (0 to +70°C) and industrial
(-40 to +85°C) temperature ranges
• Meets PCIe Gen2 specifications
• CPU outputs cycle-cycle jitter <85ps
• SRC outputs cycle-cycle jitter <125ps
• +/- 100ppm frequency accuracy on all clocks
Key Specifications:




Similar Part No. - 9LRS3187

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LRS3187BKILF IDT-9LRS3187BKILF Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
9LRS3187BKILFT IDT-9LRS3187BKILFT Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
9LRS3187BKLF IDT-9LRS3187BKLF Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
9LRS3187BKLFT IDT-9LRS3187BKLFT Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
More results


Similar Description - 9LRS3187

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
Programmable Timing Control Hub for Desktop P4 Systems
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Device Techn...
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
Programmable Timing Control Hub??for Mobile P4??Systems
logo
Renesas Technology Corp
ICS932S401 RENESAS-ICS932S401 Datasheet
389Kb / 24P
Programmable Timing Control Hub for Intel-based Servers
9LRS4206 RENESAS-9LRS4206 Datasheet
415Kb / 17P
LOW POWER PROGRAMMABLE TIMING CONTROL HUBTM FOR INTEL SYSTEMS
2019
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
Programmable Timing Control HubTM for Intel Systems
2019
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com