Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9911 Datasheet (PDF) - Analog Devices

AD9911 Datasheet PDF - Analog Devices
Part # AD9911
Download  AD9911 Download
File Size   943.87 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MSPS Direct Digital Synthesizer with 10-Bit DAC

AD9911 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9911 Datasheet PDF - Analog Devices

Part # AD9911
Download  AD9911 Click to download

File Size   943.87 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MSPS Direct Digital Synthesizer with 10-Bit DAC

AD9911 Datasheet (HTML) - Analog Devices


AD9911 Product details

GENERAL DESCRIPTION
The AD9911 is a complete direct digital synthesizer (DDS). This device includes a high speed DAC with excellent wideband and narrowband spurious-free dynamic range (SFDR) as well as three auxiliary DDS cores without assigned digital-to-analog converters (DACs). These auxiliary channels are used for spur reduction, multitone generation, or test-tone modulation.

FEATURES
   Patented SpurKiller technology
   Multitone generation
   Test-tone modulation
   Up to 800 Mbps data throughput
   Matched latencies for frequency/phase/amplitude changes
   Linear frequency/phase/amplitude sweeping capability
   Up to 16 levels of FSK, PSK, ASK
   Programmable DAC full-scale current
   32-bit frequency tuning resolution
   14-bit phase offset resolution
   10-bit output amplitude-scaling resolution
   Software-/hardware-controlled power-down
   Multiple device synchronization
   Selectable 4× to 20× REF_CLK multiplier (PLL)
   Selectable REF_CLK crystal oscillator
   56-lead LFCSP

APPLICATIONS
   Agile local oscillator
   Test and measurement equipment
   Commercial and amateur radio exciter
   Radar and sonar
   Test-tone generation
   Fast frequency hopping
   Clock generation




Similar Part No. - AD9911

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9911 AD-AD9911 Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
AD9911BCPZ AD-AD9911BCPZ Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
AD9911BCPZ-REEL7 AD-AD9911BCPZ-REEL7 Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
AD9911 AD-AD9911_15 Datasheet
944Kb / 44P
500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
More results


Similar Description - AD9911

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Analog Devices
AD9913 AD-AD9913 Datasheet
690Kb / 32P
Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
10/07-Revision 0
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9911 AD-AD9911_15 Datasheet
944Kb / 44P
500 MSPS Direct Digital Synthesizer with 10-Bit DAC
REV. 0
AD9911 AD-AD9911_16 Datasheet
879Kb / 41P
500 MSPS Direct Digital Synthesizer 10-Bit DAC
11/2016-Rev. 0 to Rev. A
AD9914S AD-AD9914S Datasheet
1Mb / 17P
3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com