Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet (PDF) - Analog Devices

AD9913 Datasheet PDF - Analog Devices
Part # AD9913
Download  AD9913 Download
File Size   690.29 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer

AD9913 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9913 Datasheet PDF - Analog Devices

Part # AD9913
Download  AD9913 Click to download

File Size   690.29 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer

AD9913 Datasheet (HTML) - Analog Devices


AD9913 Product details

GENERAL DESCRIPTION
The AD9913 is a complete direct digital synthesizer (DDS) designed to meet the stringent power consumption limits of portable, handheld, and battery-powered equipment. The AD9913 features a 10-bit digital-to-analog converter (DAC) operating up to 250 MSPS. The AD9913 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a complete, digitally-programmable, high frequency synthesizer capable of generating a frequency agile analog output sinusoidal waveform at up to 100 MHz.

FEATURES
   50 mW at up to 250 MSPS internal clock speed
   100 MHz analog output
   Integrated 10-bit DAC
   0.058 Hz or better frequency resolution
   0.022° phase tuning resolution
   Programmable modulus in frequency equation
   Phase noise ≤ –135 dBc per Hz @ 1 kHz offset (DAC output)
      (<115 dBc per Hz when using on-board PLL multiplier)
   Excellent dynamic performance
      >80 dB SFDR @ 100 MHz (±100 kHz offset) AOUT
   Automatic linear frequency sweeping capability
   8 frequency or phase offset profiles
   1.8 V power supply
   Software and hardware controlled power-down
   Parallel and serial programming options
   32-lead LFCSP package
   Optional PLL REF_CLK multiplier
   Internal oscillator (can be driven by a single crystal)
   Phase modulation capability

APPLICATIONS
   Portable and handheld equipment
   Agile LO frequency synthesis
   Programmable clock generator
   FM chirp source for radar and scanning systems




Similar Part No. - AD9913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9913 AD-AD9913 Datasheet
723Kb / 32P
CMOS Direct Digital Synthesizer
11/2017-Rev. B to Rev. C
AD9913 AD-AD9913 Datasheet
482Kb / 32P
Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Rev. E
AD9913/PCBZ AD-AD9913/PCBZ Datasheet
482Kb / 32P
Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Rev. E
AD9913BCPZ AD-AD9913BCPZ Datasheet
723Kb / 32P
CMOS Direct Digital Synthesizer
11/2017-Rev. B to Rev. C
AD9913BCPZ AD-AD9913BCPZ Datasheet
482Kb / 32P
Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Rev. E
More results


Similar Description - AD9913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9951 AD-AD9951 Datasheet
825Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859 Datasheet
574Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
5/09-Rev. 0 to Rev. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com