Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9913 Datasheet HTML 2Page - Analog Devices AD9913 Datasheet HTML 3Page - Analog Devices AD9913 Datasheet HTML 4Page - Analog Devices AD9913 Datasheet HTML 5Page - Analog Devices AD9913 Datasheet HTML 6Page - Analog Devices AD9913 Datasheet HTML 7Page - Analog Devices AD9913 Datasheet HTML 8Page - Analog Devices AD9913 Datasheet HTML 9Page - Analog Devices AD9913 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9913
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
PS2/ADR5/D5
2
PS1/ADR4/D4
3
PS0/ADR3/D3
4
DVDD
5
DGND
6
ADR2/D2
7
ADR1/D1
8
ADR0/D0
24 RSET
23 AGND
22 AVDD
21 AGND
20 IOUT
19 IOUT
18 AGND
17 AVDD
TOP VIEW
(Not to Scale)
AD9913
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
PS2/ADR5/D5
I/O
Multipurpose pin: Profile Select Pin (PS2) in Direct Switch Mode, Parallel Port Address Line (ADR5), and
Data Line (D5) to program registers.
2
PS1/ADR4/D4
I/O
Multipurpose pin: Profile Select Pin (PS1) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR4), and Data Line (D4) to program registers.
3
PS0/ADR3/D3
I/O
Multipurpose pin: Profile Select Pin (PS0) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR3), and Data Line (D3) to program registers.
4
DVDD
I
Digital Power Supply (1.8 V).
5
DGND
I
Digital Ground.
6
ADR2/D2
I/O
Parallel Port Address Line 2 and Data Line 2.
7
ADR1/D1
I/O
Parallel Port Address Line 1and Data Line 1.
8
ADR0/D0
I/O
Parallel Port Address Line 0 and Data Line 0.
9
SYNC_CLK
O
Clock Out. The profile pins [PS0:PS2] and the IO_UPDATE pin (Pin 27) should be set up to the rising
edge of this signal to maintain constant pipe line delay through the device.
10
SER/PAR
I
Serial Port and Parallel Port Selection. Logic low = serial mode; logic high = parallel mode.
11, 15,
18, 21,
23
AGND
I
Analog Ground.
12, 16,
17, 22
AVDD
I
Analog Power Supply (1.8 V).
13
REF_CLK
I
Reference Clock Input. See the REF_CLK Overview section for more details.
14
REF_CLK
I
Complementary Reference Clock Input. See the REF_CLK Overview section for more details.
19
IOUT
O
Open Source DAC Complementary Output Source. Current mode. Connect through 50 Ω to AGND.
20
IOUT
O
Open Source DAC Output Source. Current mode. Connect through 50 Ω to AGND.
24
RSET
I
Analog Reference. This pin programs the DAC output full-scale reference current. Attach a 4.64 kΩ
resistor to AGND.
25
MASTER_RESET
I
Master Reset, Digital Input (Active High). This pin clears all memory elements and reprograms registers
to default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com