Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9913
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913 Datasheet(HTML) 4 Page - Analog Devices

  AD9913 Datasheet HTML 1Page - Analog Devices AD9913 Datasheet HTML 2Page - Analog Devices AD9913 Datasheet HTML 3Page - Analog Devices AD9913 Datasheet HTML 4Page - Analog Devices AD9913 Datasheet HTML 5Page - Analog Devices AD9913 Datasheet HTML 6Page - Analog Devices AD9913 Datasheet HTML 7Page - Analog Devices AD9913 Datasheet HTML 8Page - Analog Devices AD9913 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9913
Rev. 0 | Page 4 of 32
Parameter
Conditions/Comments
Min
Typ
Max
Unit
MISCELLANEOUS TIMING CHARACTERISTICS
Wake-Up Time1
Fast Recovery Mode
1
SYSCLK cycles2
Full Sleep Mode
60
μs
Reset Pulse Width High
5
SYSCLK cycles
DATA LATENCY (PIPELINE DELAY)
Frequency, Phase-to-DAC Output
Matched latency enabled
11
SYSCLK cycles
Frequency-to-DAC Output
Matched latency disabled
11
SYSCLK cycles
Phase-to-DAC Output
Matched latency disabled
10
SYSCLK cycles
Delta Tuning Word-to-DAC Output (Linear Sweep)
14
SYSCLK cycles
CMOS LOGIC INPUTS
Logic 1 Voltage
1.2
V
Logic 0 Voltage
0.4
V
Logic 1 Current
−700
+700
nA
Logic 0 Current
−700
+700
nA
Input Capacitance
3
pF
CMOS LOGIC OUTPUTS
1 mA load
Logic 1 Voltage
1.5
V
Logic 0 Voltage
0.125
V
POWER SUPPLY CURRENT
DVDD (1.8 V) Pin Current Consumption
46.5
mA
DAC_CLK_AVDD (1.8 V)
4.7
mA
DAC_AVDD (1.8 V) Pin Current Consumption
6.2
mA
PLL_AVDD (1.8 V)
1.8
mA
CLK_AVDD (1.8 V) Pin Current Consumption
4.3
mA
POWER CONSUMPTION
Single Tone Mode
PLL enabled, CMOS input
50
66.5
mW
PLL disabled, differential input
57
70.5
mW
PLL enabled, XTAL input
52
68.5
mW
Modulus Mode
PLL disabled
94.6
mW
Linear Sweep Mode
PLL disabled
98.4
mW
Power-Down
Full
15
mW
Safe
PLL enabled
44.8
mW
PLL Modes
VCO 1
Differential Input Mode
11
mW
CMOS Input Mode
7.5
mW
Crystal Mode
5.4
mW
VCO 2
Differential Input Mode
15
mW
CMOS Input Mode
11.5
mW
Crystal Mode
9.4
mW
1 Refer to the Power-Down Features section.
2 SYSCLK cycle refers to the actual clock frequency used on-chip by the DDS. If the reference clock multiplier is used to multiply the external reference clock frequency,
the SYSCLK frequency is the external frequency multiplied by the reference clock multiplication factor. If the reference clock multiplier and divider are not used, the
SYSCLK frequency is the same as the external reference clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com